Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 109Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 110Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 111Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 112Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 113Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 114Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 115Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 116Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 160 page
background image
Clock Generation Overview
56F8335 Technical Data, Rev. 1
Freescale Semiconductor
113
Preliminary
6.5.10.2
Input/Output Short Address Low (ISAL[21:6])—Bit 15–0
This field represents the lower 16 address bits of the “hard coded” I/O short address.
6.6 Clock Generation Overview
The SIM uses an internal master clock from the OCCS (CLKGEN) module to produce the peripheral and
system (core and memory) clocks. The maximum master clock frequency is 120MHz. Peripheral and
system clocks are generated at half the master clock frequency and therefore at a maximum 60MHz. The
SIM provides power modes (Stop, Wait) and clock enables (SIM_PCE register, CLK_DIS, ONCE_EBL)
to control which clocks are in operation. The OCCS, power modes, and clock enables provide a flexible
means to manage power consumption.
Power utilization can be minimized in several ways. In the OCCS, crystal oscillator, and PLL may be shut
down when not in use. When the PLL is in use, its prescaler and postscaler can be used to limit PLL and
master clock frequency. Power modes permit system and/or peripheral clocks to be disabled when unused.
Clock enables provide the means to disable individual clocks. Some peripherals provide further controls
to disable unused subfunctions. Refer to Part 3 On-Chip Clock Synthesis (OCCS), and the 56F8300
Peripheral User Manual for further details.
6.7 Power-Down Modes Overview
The 56F8335/56F8135 operate in one of three power-down modes, as shown in Table 6-3
.
All peripherals, except the COP/watchdog timer, run off the IPBus clock frequency, which is the same as
the main processor frequency in this architecture. The maximum frequency of operation is
SYS_CLK = 60MHz.
Table 6-3 Clock Operation in Power-Down Modes
Mode
Core Clocks
Peripheral Clocks
Description
Run
Active
Active
Device is fully functional
Wait
Core and memory
clocks disabled
Active
Peripherals are active and can produce interrupts if
they have not been masked off.
Interrupts will cause the core to come out of its
suspended state and resume normal operation.
Typically used for power-conscious applications.
Stop
System clocks continue to be generated in
the SIM, but most are gated prior to
reaching memory, core and peripherals.
The only possible recoveries from Stop mode are:
1. CAN traffic (1st message will be lost)
2. Non-clocked interrupts
3. COP reset
4. External reset
5. Power-on reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com