Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 130Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 131Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 132Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 133Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 134Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 135Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 136Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 137Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 160 page
background image
56F8335 Technical Data, Rev. 1
134
Freescale Semiconductor
Preliminary
10.7 Crystal Oscillator Timing
10.8 Reset, Stop, Wait, Mode Select, and Interrupt Timing
Table 10-15 Crystal Oscillator Parameters
Characteristic
Symbol
Min
Typ
Max
Unit
Crystal Start-up time
TCS
45
10
ms
Resonator Start-up time
TRS
0.1
0.18
1
ms
Crystal ESR
RESR
——
120
ohms
Crystal Peak-to-Peak Jitter
TD
70
—
250
ps
Crystal Min-Max Period Variation
TPV
0.12
—
1.5
ns
Resonator Peak-to-Peak Jitter
TRJ
——
300
ps
Resonator Min-Max Period Variation
TRP
——
300
ps
Bias Current, high-drive mode
IBIASH
—250
290
µA
Bias Current, low-drive mode
IBIASL
—80
110
µA
Quiescent Current, power-down mode
IPD
—0
1
µA
Table 10-16 Reset, Stop, Wait, Mode Select, and Interrupt Timing1,2
1. In the formulas, T = clock cycle. For an operating frequency of 60MHz, T = 16.67ns. At 8MHz (used during Reset and
Stop modes), T = 125ns.
2. Parameters listed are guaranteed by design.
Characteristic
Symbol
Typical
Min
Typical
Max
Unit
See Figure
Minimum RESET Assertion Duration
tRA
16T
—
ns
10-4
Edge-sensitive Interrupt Request Width
tIRW
1.5T
—
ns
10-5
IRQA, IRQB Assertion to General Purpose
Output Valid, caused by first instruction
execution in the interrupt service routine
tIG
18T
—
ns
10-6
tIG - FAST
14T
—
IRQA Width Assertion to Recover from Stop
State3
3. The interrupt instruction fetch is visible on the pins only in Mode 3.
tIW
1.5T
—
ns
10-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com