Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 147 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 147 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 143Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 144Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 145Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 146Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 147Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 148Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 149Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 150Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 151Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 160 page
background image
Power Consumption
56F8335 Technical Data, Rev. 1
Freescale Semiconductor
147
Preliminary
C, the internal [dynamic component], is classic C*V2*F CMOS power dissipation corresponding to the
56800E core and standard cell logic.
D, the external [dynamic component], reflects power dissipated on-chip as a result of capacitive loading
on the external pins of the chip. This is also commonly described as C*V2*F, although simulations on two
of the IO cell types used on the device reveal that the power-versus-load curve does have a non-zero
Y-intercept.
Power due to capacitive loading on output pins is (first order) a function of the capacitive load and
frequency at which the outputs change. Table 10-24 provides coefficients for calculating power dissipated
in the IO cells as a function of capacitive load. In these cases:
Total Power =
Σ((Intercept +Slope*Cload)*frequency/10MHz)
where:
•
Summation is performed over all output pins with capacitive loads
•
Total Power is expressed in mW
•
Cload is expressed in pF
Because of the low duty cycle on most device pins, power dissipation due to capacitive loads was found
to be fairly low when averaged over a period of time.
E, the external [static component], reflects the effects of placing resistive loads on the outputs of the
device. Sum the total of all V2/R or IV to arrive at the resistive load contribution to power. Assume V =
0.5 for the purposes of these rough calculations. For instance, if there is a total of eight PWM outputs
driving 10mA into LEDs, then P = 8*.5*.01 = 40mW.
In previous discussions, power consumption due to parasitics associated with pure input pins is ignored,
as it is assumed to be negligible.
Table 10-24 IO Loading Coefficients at 10MHz
Intercept
Slope
PDU08DGZ_ME
1.3
0.11mW / pF
PDU04DGZ_ME
1.15mW
0.11mW / pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com