Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 144 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 144 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 140Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 141Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 142Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 143Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 144Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 145Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 146Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 147Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 148Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 160 page
background image
56F8335 Technical Data, Rev. 1
144
Freescale Semiconductor
Preliminary
Conversion time
tADC
—6
—
tAIC cycles
3
Sample time
tADS
—1
—
tAIC cycles
3
Input capacitance
CADI
—5
—
pF
Input injection current5, per pin
IADI
——
3
mA
Input injection current, total
IADIT
——
20
mA
VREFH current
IVREFH
—1.2
3
mA
ADC A current
IADCA
—25
—
mA
ADC B current
IADCB
—25
—
mA
Quiescent current
IADCQ
—0
10
µA
Uncalibrated Gain Error (ideal = 1)
EGAIN
—
+/- .004
+/- .01
—
Uncalibrated Offset Voltage
VOFFSET
—
+/- 18
+/- 46
mV
Calibrated Absolute Error6
AECAL
—See Figure 10-21
—
LSBs
Calibration Factor 17
CF1
—
-0.003141
—
—
Calibration Factor 27
CF2
—
-17.6
—
—
Crosstalk between channels
——
-60
—
dB
Common Mode Voltage
Vcommon
—(VREFH - VREFLO) / 2
—
V
Signal-to-noise ratio
SNR
—
64.6
—
db
Signal-to-noise plus distortion ratio
SINAD
—
59.1
—
db
Total Harmonic Distortion
THD
—
60.6
—
db
Spurious Free Dynamic Range
SFDR
—
61.1
—
db
Effective Number Of Bits8
ENOB
—
9.6
—
Bits
1. INL measured from Vin = .1VREFH to Vin = .9VREFH
10% to 90% Input Signal Range
2. LSB = Least Significant Bit
3. ADC clock cycles
4. Assumes each voltage reference pin is bypassed with 0.1
µF ceramic capacitors to ground
5. The current that can be injected or sourced from an unselected ADC signal input without impacting the performance of
the ADC. This allows the ADC to operate in noisy industrial environments where inductive flyback is possible.
6. Absolute error includes the effects of both gain error and offset error.
7. Please see the 56F8300 Peripheral User’s Manual for additional information on ADC calibration.
8. ENOB = (SINAD - 1.76)/6.02
Table 10-23 ADC Parameters (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com