Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 142 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 142 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 138Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 139Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 140Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 141Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 142Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 143Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 144Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 145Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 146Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 160 page
background image
56F8335 Technical Data, Rev. 1
142
Freescale Semiconductor
Preliminary
Figure 10-17 Bus Wake Up Detection
10.14 JTAG Timing
Figure 10-18 Test Clock Input Timing Diagram
Table 10-22 JTAG Timing
Characteristic
Symbol
Min
Max
Unit
See Figure
TCK frequency of operation
using EOnCE1
1. TCK frequency of operation must be less than 1/8 the processor rate.
fOP
DC
SYS_CLK/8
MHz
10-18
TCK frequency of operation not
using EOnCE1
fOP
DC
SYS_CLK/4
MHz
10-18
TCK clock pulse width
tPW
50
—
ns
10-18
TMS, TDI data set-up time
tDS
5—
ns
10-19
TMS, TDI data hold time
tDH
5—
ns
10-19
TCK low to TDO data valid
tDV
—30
ns
10-19
TCK low to TDO tri-state
tTS
—30
ns
10-19
TRST assertion time
tTRST
2T2
2. T = processor clock period (nominally 1/60MHz)
—ns
10-20
T WAKEUP
CAN_RX
CAN receive
data pin
(Input)
TCK
(Input)
VM
VIL
VM = VIL + (VIH – VIL)/2
tPW
1/fOP
tPW
VM
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com