Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 135Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 136Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 137Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 138Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 139Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 140Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 141Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 142Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 160 page
background image
Quad Timer Timing
56F8335 Technical Data, Rev. 1
Freescale Semiconductor
139
Preliminary
Figure 10-12 SPI Slave Timing (CPHA = 1)
10.10 Quad Timer Timing
Table 10-18 Timer Timing1, 2
1. In the formulas listed, T = the clock cycle. For 60MHz operation, T = 16.67ns.
2. Parameters listed are guaranteed by design.
Characteristic
Symbol
Min
Max
Unit
See Figure
Timer input period
PIN
2T + 6
—
ns
10-13
Timer input high / low period
PINHL
1T + 3
—
ns
10-13
Timer output period
POUT
1T - 3
—
ns
10-13
Timer output high / low period
POUTHL
0.5T - 3
—
ns
10-13
SCLK (CPOL = 0)
(Input)
SCLK (CPOL = 1)
(Input)
MISO
(Output)
MOSI
(Input)
Slave MSB out
Bits 14–1
tC
tCL
tCL
tCH
tDI
MSB in
Bits 14–1
LSB in
SS
(Input)
tCH
tDH
tF
tR
Slave LSB out
tD
tA
tELD
tDV
tF
tR
tELG
tDV
tDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com