Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 137Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 138Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 139Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 140Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 141Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 142Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 143Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 144Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 160 page
background image
Serial Communication Interface (SCI) Timing
56F8335 Technical Data, Rev. 1
Freescale Semiconductor
141
Preliminary
10.12 Serial Communication Interface (SCI) Timing
Figure 10-15 RXD Pulse Width
Figure 10-16 TXD Pulse Width
10.13 Controller Area Network (CAN) Timing
Note: CAN is NOT available in the 56F8135 device.
Table 10-20 SCI Timing1
1. Parameters listed are guaranteed by design.
Characteristic
Symbol
Min
Max
Unit
See Figure
Baud Rate2
2. fMAX is the frequency of operation of the system clock, ZCLK, in MHz, which is 60MHz for the 56F8335 device and
40MHz for the 56F8135 device.
BR
—
(fMAX/16)
Mbps
—
RXD3 Pulse Width
3. The RXD pin in SCI0 is named RXD0 and the RXD pin in SCI1 is named RXD1.
RXDPW
0.965/BR
1.04/BR
ns
10-15
TXD4 Pulse Width
4. The TXD pin in SCI0 is named TXD0 and the TXD pin in SCI1 is named TXD1.
TXDPW
0.965/BR
1.04/BR
ns
10-16
Table 10-21 CAN Timing1
1. Parameters listed are guaranteed by design
Characteristic
Symbol
Min
Max
Unit
See Figure
Baud Rate
BRCAN
—
1
Mbps
—
Bus Wake Up detection
T WAKEUP
5
—
µs
10-17
RXDPW
RXD
SCI receive
data pin
(Input)
TXDPW
TXD
SCI receive
data pin
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com