Electronic Components Datasheet Search
  English  ▼

X  

PF0200Z Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF0200Z Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PF0200Z Datasheet HTML 17Page - NXP Semiconductors PF0200Z Datasheet HTML 18Page - NXP Semiconductors PF0200Z Datasheet HTML 19Page - NXP Semiconductors PF0200Z Datasheet HTML 20Page - NXP Semiconductors PF0200Z Datasheet HTML 21Page - NXP Semiconductors PF0200Z Datasheet HTML 22Page - NXP Semiconductors PF0200Z Datasheet HTML 23Page - NXP Semiconductors PF0200Z Datasheet HTML 24Page - NXP Semiconductors PF0200Z Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
PF0200Z
Functional Block Requirements and Behaviors
Start-up
6.1.2
One Time Programmability (OTP)
OTP allows the programming of start-up configurations for a variety of applications. Before permanently programming the IC by
programming fuses, a configuration may be prototyped by using the “Try Before Buy” (TBB) feature. An error correction
code(ECC) algorithm is available to correct a single bit error and to detect multiple bit errors when fuses are programmed.
The parameters that can be configured by OTP are listed below.
• General: I2C slave address, PWRON pin configuration, start-up sequence and timing
• Buck regulators: Output voltage, single phase or independent mode configuration, switching frequency, and soft start
ramp rate
• Boost regulator and LDOs: Output voltage
NOTE: When prototyping or programming fuses, the user must ensure that register settings are consistent with the hardware
configuration. This is most important for the buck regulators, where the quantity, size, and value of the inductors depend on the
configuration (single phase or independent mode) and the switching frequency. Additionally, if an LDO is powered by a buck
regulator, it will be gated by the buck regulator in the start-up sequence.
Table 9. Default Start-up Sequence Timing
Parameter
Description
Min
Typ
Max
Unit
tD1
Turn-on delay of VSNVS (20)
–5.0
–
ms
tR1
Rise time of VSNVS
–
3.0
–
ms
tD2
User determined delay
–
1.0
–
ms
tR2
Rise time of PWRON
–
(21)
–ms
tD3
Turn-on delay of first regulator
SEQ_CLK_SPEED[1:0] = 00
–
2.0
–
ms
SEQ_CLK_SPEED[1:0] = 01(22)
–2.5
–
SEQ_CLK_SPEED[1:0] = 10
–
4.0
–
SEQ_CLK_SPEED[1:0] = 11
–
7.0
–
tR3
Rise time of regulators(23)
–0.2
–
ms
tD4
Delay between regulators
SEQ_CLK_SPEED[1:0] = 00
–
0.5
–
ms
SEQ_CLK_SPEED[1:0] = 01
–
1.0
–
SEQ_CLK_SPEED[1:0] = 10
–
2.0
–
SEQ_CLK_SPEED[1:0] = 11
–
4.0
–
tR4
Rise time of RESETBMCU
–
0.2
–
ms
tD5
Turn-on delay of RESETBMCU
–
2.0
–
ms
Notes
20.
Assumes LICELL voltage is valid before VIN is applied. If LICELL is not valid before VIN is applied then VSNVS turn-on delay may
extend to a maximum of 24 ms.
21.
Depends on the external signal driving PWRON.
22.
Default configuration.
23.
Rise time is a function of slew rate of regulators and nominal voltage selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com