Electronic Components Datasheet Search
  English  ▼

X  

PF0200Z Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF0200Z Datasheet(HTML) 4 Page - NXP Semiconductors

  PF0200Z Datasheet HTML 1Page - NXP Semiconductors PF0200Z Datasheet HTML 2Page - NXP Semiconductors PF0200Z Datasheet HTML 3Page - NXP Semiconductors PF0200Z Datasheet HTML 4Page - NXP Semiconductors PF0200Z Datasheet HTML 5Page - NXP Semiconductors PF0200Z Datasheet HTML 6Page - NXP Semiconductors PF0200Z Datasheet HTML 7Page - NXP Semiconductors PF0200Z Datasheet HTML 8Page - NXP Semiconductors PF0200Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 118 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
PF0200Z
Orderable Parts
1
Orderable Parts
The PF0200Z is available with both pre-programmed and non-programmed OTP memory configurations. The non-programmed
device uses “NP” as the programming code. Contact your Freescale representative for more details.
Table 1. Orderable Part Variations
Part Number
Temperature (TA)
Package
Programming
Qualification Tier
Notes
MMPF0200NPAZES
-40 to 85 °C
56 QFN 8x8 mm - 0.5 mm pitch
WF-Type QFN (wettable flank)
NP
Automotive
(1) (2)
Notes
1.
For Tape and Reel add an R2 suffix to the part number.
2.
For programming details see Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com