Electronic Components Datasheet Search
  English  ▼

X  

PF0200Z Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF0200Z Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PF0200Z Datasheet HTML 35Page - NXP Semiconductors PF0200Z Datasheet HTML 36Page - NXP Semiconductors PF0200Z Datasheet HTML 37Page - NXP Semiconductors PF0200Z Datasheet HTML 38Page - NXP Semiconductors PF0200Z Datasheet HTML 39Page - NXP Semiconductors PF0200Z Datasheet HTML 40Page - NXP Semiconductors PF0200Z Datasheet HTML 41Page - NXP Semiconductors PF0200Z Datasheet HTML 42Page - NXP Semiconductors PF0200Z Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
Programmable Maximum Current
The maximum current, ISWxMAX, of each buck regulator is programmable. This allows the use of smaller inductors where lower
currents are required. Programmability is accomplished by choosing the number of paralleled power stages in each regulator.
The SWx_PWRSTG[2:0] bits on the Extended Page 2 of the register map control the number of power stages. See Table 37 for
the programmable options. Bit[0] must always be enabled to ensure the stage with the current sensor is chosen. The default
setting, SWx_PWRSTG[2:0] = 111, represents the highest maximum current. The current limit for each option is also scaled by
the percentage of power stages that are enabled.
Table 36. Regulator Frequency Configuration
SWxFREQ[1:0]
Frequency
00
1.0 MHz
01
2.0 MHz
10
4.0 MHz
11
Reserved
Table 37. Programmable Current Configuration
Regulators
Control Bits
% of Power Stages
Enabled
Rated Current (A)
SW1AB
SW1AB_PWRSTG[2:0]
ISW1ABMAX
0
0
1
40%
1.0
0
1
1
80%
2.0
1
0
1
60%
1.5
1
1
1
100%
2.5
SW2
SW2_PWRSTG[2:0]
ISW2MAX
0
0
1
38%
0.55
0
1
1
75%
1.125
1
0
1
63%
0.95
1
1
1
100%
1.5
SW3A
SW3A_PWRSTG[2:0]
ISW3AMAX
0
0
1
40%
0.5
0
1
1
80%
1.0
1
0
1
60%
0.75
1
1
1
100%
1.25
SW3B
SW3B_PWRSTG[2:0]
ISW3BMAX
0
0
1
40%
0.5
0
1
1
80%
1.0
1
0
1
60%
0.75
1
1
1
100%
1.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com