Electronic Components Datasheet Search
  English  ▼

X  

PF0200Z Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF0200Z Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PF0200Z Datasheet HTML 7Page - NXP Semiconductors PF0200Z Datasheet HTML 8Page - NXP Semiconductors PF0200Z Datasheet HTML 9Page - NXP Semiconductors PF0200Z Datasheet HTML 10Page - NXP Semiconductors PF0200Z Datasheet HTML 11Page - NXP Semiconductors PF0200Z Datasheet HTML 12Page - NXP Semiconductors PF0200Z Datasheet HTML 13Page - NXP Semiconductors PF0200Z Datasheet HTML 14Page - NXP Semiconductors PF0200Z Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
PF0200Z
General Product Characteristics
Thermal Characteristics
4.2
Thermal Characteristics
Table 4. Thermal Ratings
Symbol
Description (Rating)
Min.
Max.
Unit
THERMAL RATINGS
TA
Ambient Operating Temperature Range
PF0200Z
-40
85
C
TJ
Operating Junction Temperature Range (6)
-40
125
C
TST
Storage Temperature Range
-65
150
C
TPPRT
Peak Package Reflow Temperature (7)(8)
–
Note 8
C
QFN56 THERMAL RESISTANCE AND PACKAGE DISSIPATION RATINGS
RJA
Junction to Ambient (9)(10)(11)
Natural Convection
Four layer board (2s2p)
Eight layer board (2s6p)
–
–
28
15
°C/W
RJMA
Junction to Ambient (@200 ft/min)(9)(11)
Four layer board (2s2p)
–
22
°C/W
RJB
Junction to Board(12)
–10
°C/W
RJCBOTTOM
Junction to Case Bottom(13)
–
1.2
°C/W
JT
Junction to Package Top(14)
Natural Convection
–
2.0
°C/W
Notes
6.
Do not operate beyond 125 °C for extended periods of time. Operation above 150 °C may cause permanent damage to the IC. See
Table 5 for thermal protection features.
7.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause a malfunction or permanent damage to the device.
8.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts (i.e. MC33xxxD enter 33xxx), and review parametrics.
9.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
10.
The Board uses the JEDEC specifications for thermal testing (and simulation) JESD51-7 and JESD51-5.
11.
Per JEDEC JESD51-6 with the board horizontal.
12.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top
surface of the board near the package.
13.
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method 1012.1).
14.
Thermal characterization parameter indicating the temperature difference between package top and the junction temperature per
JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com