Electronic Components Datasheet Search
  English  ▼

X  

PF0200Z Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF0200Z Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PF0200Z Datasheet HTML 28Page - NXP Semiconductors PF0200Z Datasheet HTML 29Page - NXP Semiconductors PF0200Z Datasheet HTML 30Page - NXP Semiconductors PF0200Z Datasheet HTML 31Page - NXP Semiconductors PF0200Z Datasheet HTML 32Page - NXP Semiconductors PF0200Z Datasheet HTML 33Page - NXP Semiconductors PF0200Z Datasheet HTML 34Page - NXP Semiconductors PF0200Z Datasheet HTML 35Page - NXP Semiconductors PF0200Z Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
The sense bit will show the real time status of the PWRON pin. In this configuration, the PWRON input can be a mechanical
switch debounced through a programmable debouncer, PWRONDBNC[1:0], to avoid a response to a very short (i.e.,
unintentional) key press. The interrupt is generated for both the falling and the rising edge of the PWRON pin. By default, a 30 ms
interrupt debounce is applied to both falling and rising edges. The falling edge debounce timing can be extended with
PWRONDBNC[1:0] as defined in the table below. The interrupt is cleared by software, or when cycling through the OFF mode.
6.4.2.2
Turn Off Events
PWRON Pin
The PWRON pin is used to power off the PF0200Z. The PWRON pin can be configured with OTP to power off the PMIC under
the following two conditions:
1. PWRON_CFG bit = 0, SWxOMODE bit = 0 and PWRON pin is low.
2. PWRON_CFG bit = 1, SWxOMODE bit = 0, PWRONRSTEN = 1 and PWRON is held low for longer than 4.0
seconds. Alternatively, the system can be configured to restart automatically by setting the RESTARTEN bit.
Thermal Protection
If the die temperature surpasses a given threshold, the thermal protection circuit will power off the PMIC to avoid damage. A turn-
on event will not power on the PMIC while it is in thermal protection. The part will remain in Off mode until the die temperature
decreases below a given threshold. There are no specific interrupts related to this other than the warning interrupt. See Power
Dissipation section for more detailed information.
Undervoltage Detection
When the voltage at VIN drops below the undervoltage falling threshold, UVDET, the state machine will transition to the Coin Cell
mode.
6.4.3
Power Tree
The PF0200Z PMIC features four buck regulators, one boost regulator, six general purpose LDOs, one switch/LDO combination,
and a DDR voltage reference to supply voltages for the application processor and peripheral devices. The buck regulators as
well as the boost regulator are supplied directly from the main input supply (VIN). The inputs to all of the buck regulators must be
tied to VIN, whether they are powered on or off. The six general use LDO regulators are directly supplied from the main input
supply or from the switching regulators depending on the application requirements. Since VREFDDR is intended to provide DDR
memory reference voltage, it should be supplied by any rail supplying voltage to DDR memories; the typical application
recommends the use of SW3 as the input supply for VREFDDR. VSNVS is supplied by either the main input supply or the coin
cell. Refer to Table 26 for a summary of all power supplies provided by the PF0200Z.
Table 25. PWRON Hardware Debounce Bit Settings
Bits
State
Turn On
Debounce (ms)
Falling Edge INT
Debounce (ms)
Rising Edge INT
Debounce (ms)
PWRONDBNC[1:0]
00
0.0
31.25
31.25
01
31.25
31.25
31.25
10
125
125
31.25
11
750
750
31.25
Notes
35.
The sense bit, PWRONS, is not debounced and follows the state of the PWRON pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com