Electronic Components Datasheet Search
  English  ▼

X  

PF0200Z Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF0200Z Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PF0200Z Datasheet HTML 8Page - NXP Semiconductors PF0200Z Datasheet HTML 9Page - NXP Semiconductors PF0200Z Datasheet HTML 10Page - NXP Semiconductors PF0200Z Datasheet HTML 11Page - NXP Semiconductors PF0200Z Datasheet HTML 12Page - NXP Semiconductors PF0200Z Datasheet HTML 13Page - NXP Semiconductors PF0200Z Datasheet HTML 14Page - NXP Semiconductors PF0200Z Datasheet HTML 15Page - NXP Semiconductors PF0200Z Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 118 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
PF0200Z
General Product Characteristics
Electrical Characteristics
4.2.1
Power Dissipation
During operation, the temperature of the die should not exceed the operating junction temperature noted in Table 4. To optimize
the thermal management and to avoid overheating, the PF0200Z provides thermal protection. An internal comparator monitors
the die temperature. Interrupts THERM110I, THERM120I, THERM125I, and THERM130I will be generated when the respective
thresholds specified in Table 5 are crossed in either direction. The temperature range can be determined by reading the
THERMxxxS bits in register INTSENSE0.
In the event of excessive power dissipation, thermal protection circuitry will shut down the PF0200Z. This thermal protection will
act above the thermal protection threshold listed in Table 5. To avoid any unwanted power downs resulting from internal noise,
the protection is debounced for 8.0 ms. This protection should be considered as a fail-safe mechanism and therefore the system
should be configured such that this protection is not tripped under normal conditions.
4.3
Electrical Characteristics
4.3.1
General Specifications
Table 5. Thermal Protection Thresholds
Parameter
Min
Typ
Max
Units
Thermal 110 °C Threshold (THERM110)
100
110
120
°C
Thermal 120 °C Threshold (THERM120)
110
120
130
°C
Thermal 125 °C Threshold (THERM125)
115
125
135
°C
Thermal 130 °C Threshold (THERM130)
120
130
140
°C
Thermal Warning Hysteresis
2.0
–
4.0
°C
Thermal Protection Threshold
130
140
150
°C
Table 6. General PMIC Static Characteristics
TA = -40 to 85 °C, VIN = 2.8 to 4.5 V, VDDIO = 1.7 to 3.6 V, typical external component values and full load current range, unless
otherwise noted.
Pin Name
Parameter
Load Condition
Min
Max
Unit
PWRON
VIL
–0.0
0.2 * VSNVS
V
VIH
–
0.8 * VSNVS
3.6
V
RESETBMCU
VOL
-2.0 mA
0.0
0.4
V
VOH
Open Drain
0.7* VIN
VIN
V
SCL
VIL
–
0.0
0.2 * VDDIO
V
VIH
–
0.8 * VDDIO
3.6
V
SDA
VIL
–
0.0
0.2 * VDDIO
V
VIH
–
0.8 * VDDIO
3.6
V
VOL
-2.0 mA
0.0
0.4
V
VOH
Open Drain
0.7*VDDIO
VDDIO
V
INTB
VOL
-2.0 mA
0.0
0.4
V
VOH
Open Drain
0.7* VIN
VIN
V
SDWNB
VOL
-2.0 mA
0.0
0.4
V
VOH
Open Drain
0.7* VIN
VIN
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com