Electronic Components Datasheet Search
  English  ▼

X  

PF0200Z Datasheet(PDF) 80 Page - NXP Semiconductors

Part # PF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF0200Z Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button PF0200Z Datasheet HTML 76Page - NXP Semiconductors PF0200Z Datasheet HTML 77Page - NXP Semiconductors PF0200Z Datasheet HTML 78Page - NXP Semiconductors PF0200Z Datasheet HTML 79Page - NXP Semiconductors PF0200Z Datasheet HTML 80Page - NXP Semiconductors PF0200Z Datasheet HTML 81Page - NXP Semiconductors PF0200Z Datasheet HTML 82Page - NXP Semiconductors PF0200Z Datasheet HTML 83Page - NXP Semiconductors PF0200Z Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 118 page
background image
Analog Integrated Circuit Device Data
80
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
VGEN5
Table 90. VGEN5 Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = 3.6 V, VIN3 = 3.6 V, VGEN5[3:0] = 1111, IGEN5 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN3 = 3.6 V, VGEN5[3:0] = 1111,
IGEN5 = 10 mA, and 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
VGEN5
Operating Input Voltage
1.8 V
 VGEN5NOM  2.5 V
2.6 V
 VGEN5NOM  3.3 V(58)
VIN3
2.8
VGEN5NOM+
0.250
–
–
4.5
4.5
V
Nominal Output Voltage
VGEN5NOM
–
Table 77
–V
Operating Load Current
IGEN5
0.0
–
100
mA
VGEN5 ACTIVE MODE – DC
Output Voltage Tolerance
VIN3MIN < VIN3 < 4.5 V
0.0 mA < IGEN5 < 100 mA
VGEN5[3:0] = 0000 to 1111
VGEN5TOL
-3.0
–
3.0
%
Load Regulation
(VGEN5 at IGEN5 = 100 mA) - (VGEN5 at IGEN5 = 0.0 mA)
For any VIN3MIN < VIN3 < 4.5 mV
VGEN5LOR
–0.10–
mV/
mA
Line Regulation
(VGEN5 at VIN3 = 4.5 V) - (VGEN5 at VIN3MIN)
For any 0.0 mA < IGEN5 < 100 mA
VGEN5LIR
–0.50–
mV/
mA
Current Limit
IGEN5 when VGEN5 is forced to VGEN5NOM/2
IGEN5LIM
122
167
200
mA
Overcurrent Protection threshold
IGEN5 required to cause the SCP function to disable LDO when
REGSCPEN = 1
IGEN5OCP
120
–
200
mA
Quiescent Current
No load, Change in IVIN and IVIN3
When VGEN5 enabled
IGEN5Q
–13–
A
VGEN5 AC AND TRANSIENT
PSRR(59)
•IGEN5 = 75 mA, 20 Hz to 20 kHz
VGEN5[3:0] = 0000 - 1111, VIN3 = VIN3MIN + 100 mV
VGEN5[3:0] = 0000 - 1111, VIN3 = VGEN5NOM + 1.0 V
PSRRVGEN5
35
52
40
60
–
–
dB
Output Noise Density
•VIN3 = VIN3MIN, IGEN5 = 75 mA
100 Hz – <1.0 kHz
1.0 kHz – <10 kHz
10 kHz – 1.0 MHz
NOISEVGEN5
–
–
–
-114
-129
-135
-102
-123
-130
dBV/
Hz
Turn-on Slew Rate
• 10% to 90% of end value
•VIN3MIN VIN3 4.5 mV, IGEN5 = 0.0 mA
VGEN5[3:0] = 0000 to 0011
VGEN5[3:0] = 0100 to 0111
VGEN5[3:0] = 1000 to 1011
VGEN5[3:0] = 1100 to 1111
SLWRVGEN5
–
–
–
–
–
–
–
–
22.0
26.5
30.5
34.5
mV
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com