Electronic Components Datasheet Search
  English  ▼

X  

ADP5041 Datasheet(PDF) 39 Page - Analog Devices

Part # ADP5041
Description  Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADP5041 Datasheet HTML 32Page - Analog Devices ADP5041 Datasheet HTML 33Page - Analog Devices ADP5041 Datasheet HTML 34Page - Analog Devices ADP5041 Datasheet HTML 35Page - Analog Devices ADP5041 Datasheet HTML 36Page - Analog Devices ADP5041 Datasheet HTML 37Page - Analog Devices ADP5041 Datasheet HTML 38Page - Analog Devices ADP5041 Datasheet HTML 39Page - Analog Devices ADP5041 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Data Sheet
ADP5041
Rev. B | Page 39 of 40
FACTORY PROGRAMMABLE OPTIONS
Table 15. Regulator Output Discharge Resistor Options
Options
Description
Option 0
All discharge resistors disabled
Option 1
All discharge resistors enabled
Table 16. Undervoltage Lockout Options
Options
Min
Typ
Max
Unit
Option 0
1.95
2.15
2.275
V
Option 1
3.10
3.65
3.90
V
Table 17. Reset Timeout Options
Options
Min
Typ
Max
Unit
Option 0
24
30
36
ms
Option 1
160
200
240
ms
Table 18. Watchdog Timer Options
Selection
Min
Typ
Max
Unit
Option 0
81.6
102
122.4
ms
Option 1
1.28
1.6
1.92
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com