Electronic Components Datasheet Search
  English  ▼

X  

ADP5041 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5041
Description  Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5041 Datasheet HTML 2Page - Analog Devices ADP5041 Datasheet HTML 3Page - Analog Devices ADP5041 Datasheet HTML 4Page - Analog Devices ADP5041 Datasheet HTML 5Page - Analog Devices ADP5041 Datasheet HTML 6Page - Analog Devices ADP5041 Datasheet HTML 7Page - Analog Devices ADP5041 Datasheet HTML 8Page - Analog Devices ADP5041 Datasheet HTML 9Page - Analog Devices ADP5041 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADP5041
Data Sheet
Rev. B | Page 6 of 40
INPUT AND OUTPUT CAPACITOR, RECOMMENDED SPECIFICATIONS
Table 5.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CAPACITANCE (BUCK)1
CMIN1
TJ = −40°C to +125°C
4.7
40
μF
OUTPUT CAPACITANCE (BUCK)2
CMIN2
TJ = −40°C to +125°C
7
40
μF
INPUT AND OUTPUT CAPACITANCE3 (LDO1, LDO2)
CMIN34
TJ = −40°C to +125°C
0.70
μF
CAPACITOR ESR
RESR
TJ = −40°C to +125°C
0.001
1
Ω
1 The minimum input capacitance should be greater than 4.7 μF over the full range of operating conditions. The full range of operating conditions in the application
must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended, whereas
Y5V and Z5U capacitors are not recommended for use with the buck.
2 The minimum output capacitance should be greater than 7 μF over the full range of operating conditions. The full range of operating conditions in the application
must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended, whereas
Y5V and Z5U capacitors are not recommended for use with the buck.
3 The minimum input and output capacitance should be greater than 0.70 μF over the full range of operating conditions. The full range of operating conditions in the
application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended,
whereas Y5V and Z5U capacitors are not recommended for use with LDOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com