Electronic Components Datasheet Search
  English  ▼

X  

ADP5041 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5041
Description  Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041 Datasheet(HTML) 3 Page - Analog Devices

  ADP5041 Datasheet HTML 1Page - Analog Devices ADP5041 Datasheet HTML 2Page - Analog Devices ADP5041 Datasheet HTML 3Page - Analog Devices ADP5041 Datasheet HTML 4Page - Analog Devices ADP5041 Datasheet HTML 5Page - Analog Devices ADP5041 Datasheet HTML 6Page - Analog Devices ADP5041 Datasheet HTML 7Page - Analog Devices ADP5041 Datasheet HTML 8Page - Analog Devices ADP5041 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Data Sheet
ADP5041
Rev. B | Page 3 of 40
SPECIFICATIONS
GENERAL SPECIFICATIONS
AVIN, VIN1 = 2.3 V to 5.5 V; AVIN, VIN1 ≥ VIN2, VIN3; VIN2, VIN3 = 1.7 V to 5.5 V, TJ = −40°C to +125°C for minimum/maximum
specifications, and TA = 25°C for typical specifications, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
AVIN UNDERVOLTAGE LOCKOUT
UVLOAVIN
Input Voltage Rising
UVLOAVINRISE
Option 0
2.275
V
Option 1
3.9
V
Input Voltage Falling
UVLOAVINFALL
Option 0
1.95
V
Option 1
3.1
V
SHUTDOWN CURRENT
IGND-SD
ENx = GND
0.1
2
μA
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
20
°C
START-UP TIME1
Buck
tSTART1
250
μs
LDO1, LDO2
tSTART2
VOUT2, VOUT3 = 3.3 V
85
μs
ENx, WDI, MODE, MR INPUTS
Input Logic High
VIH
2.5 V ≤ AVIN ≤ 5.5 V
1.2
V
Input Logic Low
VIL
2.5 V ≤ AVIN ≤ 5.5 V
0.4
V
Input Leakage Current
VI-LEAKAGE
ENx = AVIN or GND
0.05
1
μA
OPEN-DRAIN OUTPUT
nRSTO Output Voltage
VOL1V
AVIN ≥ 1.0 V, ISINK = 50 μA
0.3
V
VOL1V2
AVIN ≥ 1.2 V, ISINK = 100 μA
0.3
V
VOL2V7
AVIN ≥ 2.7 V, ISINK = 1.2 mA
0.3
V
VOL4V5
AVIN ≥ 4.5 V, ISINK = 3.2 mA
0.4
V
Open-Drain Reset Output Leakage
Current
AVIN = 5.5 V
1
μA
1 Start-up time is defined as the time from the moment EN1 = EN2 = EN3 transfers from 0 V to VAVIN to the moment VOUT1, VOUT2, and VOUT3 are reaching 90% of
their nominal levels. Start-up times are shorter for individual channels if another channel is already enabled. See the Typical Performance Characteristics section for
more information.
SUPERVISORY SPECIFICATIONS
AVIN, VIN1 = 2.3 V to 5.5 V; TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical specifications,
unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY
Supply Current (Supervisory Circuit Only)
45
55
μA
AVIN = VIN1 = EN1 = EN2 = EN3 = 5.5 V
43
52
μA
AVIN = VIN1 = EN1 = EN2 = EN3 = 3.6 V
THRESHOLD VOLTAGE
0.495
0.500
0.505
V
RESET TIMEOUT PERIOD
Option 0
24
30
36
ms
Option 1
160
200
240
ms
VCC TO RESET DELAY (tRD)
80
μs
VIN falling at 1 mV/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com