Electronic Components Datasheet Search
  English  ▼

X  

ADP5041 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP5041
Description  Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041 Datasheet(HTML) 2 Page - Analog Devices

  ADP5041 Datasheet HTML 1Page - Analog Devices ADP5041 Datasheet HTML 2Page - Analog Devices ADP5041 Datasheet HTML 3Page - Analog Devices ADP5041 Datasheet HTML 4Page - Analog Devices ADP5041 Datasheet HTML 5Page - Analog Devices ADP5041 Datasheet HTML 6Page - Analog Devices ADP5041 Datasheet HTML 7Page - Analog Devices ADP5041 Datasheet HTML 8Page - Analog Devices ADP5041 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
ADP5041
Data Sheet
Rev. B | Page 2 of 40
TABLE OF CONTENTS
Features .............................................................................................. 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
General Specifications ................................................................. 3
Supervisory Specifications .......................................................... 3
Buck Specifications....................................................................... 4
LDO1, LDO2 Specifications ....................................................... 5
Input and Output Capacitor, Recommended Specifications.. 6
Absolute Maximum Ratings............................................................ 7
Thermal Resistance ...................................................................... 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
Theory of Operation ...................................................................... 26
Power Management Unit........................................................... 26
Buck Section................................................................................ 27
LDO Section ............................................................................... 28
Supervisory Section ................................................................... 28
Applications Information .............................................................. 31
Buck External Component Selection....................................... 31
LDO External Component Selection ...................................... 32
Output Capacitor........................................................................ 32
Supervisory Section ................................................................... 33
Power Dissipation/Thermal Considerations ............................. 34
Application Diagram ................................................................. 36
PCB Layout Guidelines.................................................................. 37
Suggested Layout ........................................................................ 37
Bill of Materials........................................................................... 38
Factory Programmable Options ................................................... 39
Outline Dimensions ....................................................................... 40
Ordering Guide .......................................................................... 40
REVISION HISTORY
5/2019—Rev. A to Rev. B
Changes to Figure 109.................................................................... 32
4/2018—Rev. 0 to Rev. A
Updated Outline Dimensions ....................................................... 40
Changes to Ordering Guide .......................................................... 40
12/2011—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com