Electronic Components Datasheet Search
  English  ▼

X  

ADP5041 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP5041
Description  Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP5041 Datasheet HTML 16Page - Analog Devices ADP5041 Datasheet HTML 17Page - Analog Devices ADP5041 Datasheet HTML 18Page - Analog Devices ADP5041 Datasheet HTML 19Page - Analog Devices ADP5041 Datasheet HTML 20Page - Analog Devices ADP5041 Datasheet HTML 21Page - Analog Devices ADP5041 Datasheet HTML 22Page - Analog Devices ADP5041 Datasheet HTML 23Page - Analog Devices ADP5041 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
ADP5041
Data Sheet
Rev. B | Page 20 of 40
1.220
1.180
0.001
0.01
0.1
OUTPUT CURRENT (A)
1.185
1.190
1.195
1.200
1.205
1.210
1.215
–40°C
+25°C
+85°C
Figure 69. LDO1, LDO2 Load Regulation Across Temperature, VIN = 3.6 V,
VOUT = 1.2 V
4.75
4.73
4.65
4.67
4.69
4.71
5.0
5.1
5.5
5.4
5.3
5.2
INPUT VOLTAGE (V)
100µA
1mA
10mA
100mA
200mA
Figure 70. LDO1, LDO2 Line Regulation Across Input Voltage, VOUT = 4.7 V
3.310
3.280
3.6
3.9
4.2
4.5
5.1
4.8
5.4
INPUT VOLTAGE (V)
3.285
3.290
3.295
3.300
3.305
100µA
1mA
10mA
100mA
200mA
Figure 71. LDO1, LDO2 Line Regulation Across Input Voltage, VOUT = 3.3 V
1.820
1.790
2.5
3.0
3.5
4.0
5.0
4.5
5.5
INPUT VOLTAGE (V)
100µA
1mA
10mA
100mA
200mA
1.795
1.800
1.805
1.810
1.815
Figure 72. LDO1, LDO2 Line Regulation Across Input Voltage, VOUT = 1.8 V
1.201
1.192
2.5
5.5
INPUT VOLTAGE (V)
1.193
1.194
1.195
1.196
1.197
1.198
1.199
1.200
3.0
3.5
4.0
4.5
5.0
100µA
1mA
10mA
100mA
200mA
Figure 73. LDO1, LDO2 Line Regulation Across Input Voltage, VOUT = 1.2 V
200
0
0
0.05
0.10
0.15
0.20
0.25
0.30
OUTPUT CURRENT (A)
20
40
60
80
100
120
140
160
180
Figure 74. LDO1, LDO2 Ground Current vs. Output Current, VOUT = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com