Electronic Components Datasheet Search
  English  ▼

X  

ADP5041 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5041
Description  Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5041 Datasheet HTML 8Page - Analog Devices ADP5041 Datasheet HTML 9Page - Analog Devices ADP5041 Datasheet HTML 10Page - Analog Devices ADP5041 Datasheet HTML 11Page - Analog Devices ADP5041 Datasheet HTML 12Page - Analog Devices ADP5041 Datasheet HTML 13Page - Analog Devices ADP5041 Datasheet HTML 14Page - Analog Devices ADP5041 Datasheet HTML 15Page - Analog Devices ADP5041 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
ADP5041
Data Sheet
Rev. B | Page 12 of 40
100
0
0.0001
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
10
20
30
40
50
60
70
80
90
VIN = 2.4V
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
Figure 21. Buck Efficiency vs. Load Current, Across Input Voltage,
VOUT1 = 1.8 V, Auto Mode
100
0
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
10
20
30
40
50
60
70
80
90
VIN = 2.4V
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
Figure 22. Buck Efficiency vs. Load Current, Across Input Voltage,
VOUT1 = 1.8 V, PWM Mode
100
0
0.0001
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
10
20
30
40
50
60
70
80
90
VIN = 2.4V
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
Figure 23. Buck Efficiency vs. Load Current, Across Input Voltage,
VOUT1 = 1.2 V, Auto Mode
100
0
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
10
20
30
40
50
60
70
80
90
VIN = 2.4V
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
Figure 24. Buck Efficiency vs. Load Current, Across Input Voltage,
VOUT1 = 1.2 V, PWM Mode
100
0
0.0001
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
10
20
30
40
50
60
70
80
90
–40°C
+25°C
+85°C
Figure 25. Buck Efficiency vs. Load Current, Across Temperature,
VIN = 5.0 V, VOUT1 = 3.3 V, Auto Mode
100
0
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
10
20
30
40
50
60
70
80
90
–40°C
+25°C
+85°C
Figure 26. Buck Efficiency vs. Load Current, Across Temperature,
VIN = 5.0 V, VOUT1 = 3.3 V, PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com