Electronic Components Datasheet Search
  English  ▼

X  

ADP5041 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP5041
Description  Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP5041 Datasheet HTML 20Page - Analog Devices ADP5041 Datasheet HTML 21Page - Analog Devices ADP5041 Datasheet HTML 22Page - Analog Devices ADP5041 Datasheet HTML 23Page - Analog Devices ADP5041 Datasheet HTML 24Page - Analog Devices ADP5041 Datasheet HTML 25Page - Analog Devices ADP5041 Datasheet HTML 26Page - Analog Devices ADP5041 Datasheet HTML 27Page - Analog Devices ADP5041 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
ADP5041
Data Sheet
Rev. B | Page 24 of 40
100
10
1
0.1
0.01
1
10
100
1k
FREQUENCY (Hz)
10k
100k
1M
VOUT3 = 3.3V, VIN3 = 3.6V, ILOAD = 300mA
VOUT3 = 1.5V, VIN3 = 1.8V, ILOAD = 300mA
VOUT3 = 2.8V, VIN3 = 3.1V, ILOAD = 300mA
Figure 93. LDO2 Noise Spectrum Across Output Voltage,
VIN = VOUT + 0.3 V
100
10
1.0
0.1
0.01
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VOUT2 = 3.3V, VIN2 = 3.6V, ILOAD = 300mA
VOUT3 = 3.3V, VIN3 = 3.6V, ILOAD = 300mA
VOUT2 = 1.5V, VIN2 = 1.8V, ILOAD = 300mA
VOUT3 = 1.5V, VIN3 = 1.8V, ILOAD = 300mA
VOUT2 = 2.8V, VIN2 = 3.1V, ILOAD = 300mA
VOUT3 = 2.8V, VIN3 = 3.1V, ILOAD = 300mA
Figure 94. LDO1 vs. LDO2 Noise Spectrum
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1mA
10mA
100mA
200mA
300mA
Figure 95. LDO2 PSRR Across Output Load,
VIN3 = 3.3 V, VOUT3 = 2.8 V
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1mA
10mA
100mA
200mA
300mA
Figure 96. LDO2 PSRR Across Output Load,
VIN3 = 3.1 V, VOUT3 = 2.8 V
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1mA
10mA
100mA
200mA
Figure 97. LDO2 PSRR Across Output Load,
VIN3 = 5.0 V, VOUT3 = 3.3 V
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1mA
10mA
100mA
200mA
300mA
Figure 98. LDO2 PSRR Across Output Load,
VIN3 = 3.6 V, VOUT3 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com