Electronic Components Datasheet Search
  English  ▼

X  

TLV840 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV840
Description  TLV840-Q1 Nano-Power Voltage Supervisor with Adjustable Reset Time Delay
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV840 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV840 Datasheet HTML 2Page - Texas Instruments TLV840 Datasheet HTML 3Page - Texas Instruments TLV840 Datasheet HTML 4Page - Texas Instruments TLV840 Datasheet HTML 5Page - Texas Instruments TLV840 Datasheet HTML 6Page - Texas Instruments TLV840 Datasheet HTML 7Page - Texas Instruments TLV840 Datasheet HTML 8Page - Texas Instruments TLV840 Datasheet HTML 9Page - Texas Instruments TLV840 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
7.5 Electrical Characteristics
At 0.7 V ≤ VDD ≤ 6 V, CT = MR = Open, RESET pull-up resistor (Rpull-up) = 100 kΩ to VDD, output reset load (CLOAD) = 10 pF
and over operating free-air temperature range –40
℃ to 125℃, unless otherwise noted. VDD ramp rate ≤ 100 mV/µs. Typical
values are at TA = 25℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
COMMON PARAMETERS
VDD
Input supply voltage
TLV840MAxL
0.7
6
V
VIT–
Negative-going input threshold accuracy
(1)
VIT- = 0.8 V to 1.7 V
–2.5
±0.5
2.5
%
VIT- = 1.8 V to 5.4 V
–2
±0.5
2
VHYS
Hysteresis on VIT– pin
2.5
5
7
%
IDD
Supply current into VDD pin (2)
VDD = 2 V; VIT– = 0.8 V to 1.8 V
0.12
1.0
µA
VDD = 6 V; VIT– = 0.8 V to 5.4 V
0.15
1.2
VMR_L
Manual reset logic low input (2)
0.3VDD
V
VMR_H
Manual reset logic high input (2)
0.7VDD
V
RMR
Manual reset internal pull-up resistance
100
kΩ
RCT
CT pin internal resistance
500
kΩ
TLV840MADL (Open-drain active-low)
VPOR
Power on Reset Voltage (3)
VOL(max) = 300 mV
IOUT(Sink) = 15 µA
700
mV
VOL
Low level output voltage
VDD = 0.7 V, 0.8 V ≤ VIT– ≤ 1.5 V
IOUT(Sink) = 15 µA
300
mV
VDD =1.5 V, 1.6 V ≤ VIT– ≤ 3.3 V
IOUT(Sink) = 500 µA
300
VDD = 3.3 V, 3.4 V ≤ VIT– ≤ 5.5 V
IOUT(Sink) = 2 mA
300
Ilkg(OD)
Open-Drain output leakage current
VDD = VPULLUP = 6V
TA = –40℃ to 85℃
10
100
nA
VDD = VPULLUP = 6V
10
350
nA
TLV840MAPL (Push-pull active-low)
VPOR
Power on Reset Voltage (3)
VOL(max) = 300 mV
IOUT(Sink) = 15 µA
700
mV
VOL
Low level output voltage
VDD = 0.7 V, 0.8 V ≤ VIT– ≤ 1.5 V
IOUT(Sink) = 15 µA
300
mV
VDD = 1.5 V, 1.6 V ≤ VIT– ≤ 3.3 V
IOUT(Sink) = 500 µA
300
VDD = 3.3 V, 3.4 V ≤ VIT– ≤ 5.5 V
IOUT(Sink) = 2 mA
300
VOH
High level output voltage
VDD = 1.8 V, 0.8 V ≤ VIT– ≤ 1.4 V
IOUT(Source) = 500 µA
0.8VDD
V
VDD = 3.3 V, 1.5 V ≤ VIT– ≤ 3.0 V
IOUT(Source) = 500 µA
0.8VDD
VDD = 6 V, 3.1 V ≤ VIT– ≤ 5.5 V
IOUT(Source) = 2 mA
0.8VDD
TLV840-Q1
SNVSBY3A – NOVEMBER 2020 – REVISED APRIL 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV840-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com