Electronic Components Datasheet Search
  English  ▼

X  

TLV840 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV840
Description  TLV840-Q1 Nano-Power Voltage Supervisor with Adjustable Reset Time Delay
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV840 Datasheet(HTML) 3 Page - Texas Instruments

  TLV840 Datasheet HTML 1Page - Texas Instruments TLV840 Datasheet HTML 2Page - Texas Instruments TLV840 Datasheet HTML 3Page - Texas Instruments TLV840 Datasheet HTML 4Page - Texas Instruments TLV840 Datasheet HTML 5Page - Texas Instruments TLV840 Datasheet HTML 6Page - Texas Instruments TLV840 Datasheet HTML 7Page - Texas Instruments TLV840 Datasheet HTML 8Page - Texas Instruments TLV840 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
5 Device Comparison
Figure 5-1 shows the device naming nomenclature to compare the different device variants. See Section 12.1 for
a more detailed explanation.
TLV 840 X X XX XX XXX
Feature Op on
M: Capacitor delay (CT)
and manual reset (MR)
Output Type
DL: Open-drain,
ac ve-low
PL: Push-pull,
ac ve-low
DH: Open-drain,
ac ve-high
PH: Push-pull,
ac ve-high
Detect Voltage Threshold
08: 0.8V
...
54: 5.4V
Delay Op on
A:
- 40 µs default
(CT pin oa ng)
- Programmable
(CT pin with capacitor
to GND)
Package
DBV: SOT23
Q1
Figure 5-1. Device Naming Nomenclature
www.ti.com
TLV840-Q1
SNVSBY3A – NOVEMBER 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV840-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com