Electronic Components Datasheet Search
  English  ▼

X  

AS3722 Datasheet(PDF) 80 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 80 Page - ams AG

Back Button AS3722 Datasheet HTML 76Page - ams AG AS3722 Datasheet HTML 77Page - ams AG AS3722 Datasheet HTML 78Page - ams AG AS3722 Datasheet HTML 79Page - ams AG AS3722 Datasheet HTML 80Page - ams AG AS3722 Datasheet HTML 81Page - ams AG AS3722 Datasheet HTML 82Page - ams AG AS3722 Datasheet HTML 83Page - ams AG AS3722 Datasheet HTML 84Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 198 page
background image
Page 80
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- System Functions
I2C Feature List
• High Speed mode capability [max. SCL-frequency is
3.4MHz (2.7MHz for sequential reads)]
• 7+1-bit addressing mode
• 60h x 8-bit data registers (word address 0x00 - 0x60)
• Write formats: Single-Byte-Write, Page-Write
• Read formats: Current-Address-Read, Random-Read,
Sequential-Read
• SDA input delay and SCL spike filtering by integrated
RC-components
I2C Protocol
Figure 74:
I2C Symbol Definition
I2C Symbol Definition: Shows the symbols used in the following mode descriptions.
Symbol
Definition
RW
Note
S
Start condition after stop
R
1 bit
Sr
Repeated start
R
1 bit
DW
Device address for write
R
1000 0000b (80h)
DR
Device address for read
R
1000 0001b (81h)
WA
Word address
R
8 bit
A
Acknowledge
W
1 bit
NNo Acknowledge
R
1 bit
reg_data
Register data/write
R
8 bit
data (n)
Register data/read
W
8 bit
P
Stop condition
R
1 bit
WA++
Increment word address internally
R
during acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com