Electronic Components Datasheet Search
  English  ▼

X  

AS3722 Datasheet(PDF) 90 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 90 Page - ams AG

Back Button AS3722 Datasheet HTML 86Page - ams AG AS3722 Datasheet HTML 87Page - ams AG AS3722 Datasheet HTML 88Page - ams AG AS3722 Datasheet HTML 89Page - ams AG AS3722 Datasheet HTML 90Page - ams AG AS3722 Datasheet HTML 91Page - ams AG AS3722 Datasheet HTML 92Page - ams AG AS3722 Datasheet HTML 93Page - ams AG AS3722 Datasheet HTML 94Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 198 page
background image
Page 90
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3 722 − Register Description
35h
ReferenceControl
force_softreset
-
clk_div2
standby_m
ode_on
clk_int<3:1>
low_power_on
36h
ResetControl
-
reset_debounce<4:3>
onkey_input
power_off
force_reset
37h
OvertemperatureContr
ol
-
ov_temp_
alarm0
rst_ov_
temp_s
hutdow
n
ov_temp_shutd
own
ov_temp_alarm1
temp_pmc_on
38h
WatchdogControl
-
wtdg_mode<2:1>
wtdg_on
39h
Reg_standby_mod1
disable_regpd
sd6_stby_
on
sd5_stb
y_on
sd4_stby_
on
sd3_stb
y_on
sd2_stby_on
sd1_stby_on
sd0_stby_on
3Ah
Reg_standby_mod2
ldo7_stby_on
ldo6_stby
_on
ldo5_stb
y_on
ldo4_stby_
on
ldo3_st
by_on
ldo2_stby_on
ldo1_stby_on
ldo0_stby_on
3Bh
Reg_standby_mod3
-
ldo11_s
tby_on
ldo10_stby_on
ldo9_stby_on
-
3Ch
ENABLEctrl1
enable_ctrl_sd3<7:6>
enable_ctrl_sd2<5:4>
enable_ctrl_sd1<3:2>
enable_ctrl_sd0<1:0>
3Dh
ENABLEctrl2
-
enable_ctrl_sd6<5:4>
enable_ctrl_sd5<3:2>
enable_ctrl_sd4<1:0>
3Eh
ENABLEctrl3
enable_ctrl_ldo3<7:6>
enable_ctrl_ldo2<5:4>
enable_ctrl_ldo1<3:2>
enable_ctrl_ldo0<1:0>
3Fh
ENABLEctrl4
enable_ctrl_ldo7<7:6>
enable_ctrl_ldo6<5:4>
enable_ctrl_ldo5<3:2>
enable_ctrl_ldo4<1:0>
40h
ENABLEctrl5
enable_ctrl_ldo11<7:6>
enable_ctrl_ldo10<5:4
>
enable_ctrl_ldo9<3:2>
-
41h
pwm_control_l
pwm_l_time<7:0>
42h
pwm_control_h
pwm_h_time<7:0>
46h
Watchdog_timer
-
wtdg_timer<6:0>
48h
WatchdogSoftwareSig
nal
pwm_div<7:6>
-
wtdg_sw_sig
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com