Electronic Components Datasheet Search
  English  ▼

X  

AS3722 Datasheet(PDF) 47 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 47 Page - ams AG

Back Button AS3722 Datasheet HTML 43Page - ams AG AS3722 Datasheet HTML 44Page - ams AG AS3722 Datasheet HTML 45Page - ams AG AS3722 Datasheet HTML 46Page - ams AG AS3722 Datasheet HTML 47Page - ams AG AS3722 Datasheet HTML 48Page - ams AG AS3722 Datasheet HTML 49Page - ams AG AS3722 Datasheet HTML 50Page - ams AG AS3722 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 198 page
background image
ams Datasheet
Page 47
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- Power Management Functions
Parameter
Figure 47:
Backup-Battery Charger Parameter
Backup-Battery Charger Parameter: Shows the key electrical parameter of the charger for the backup battery
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VSUP
Supply voltage range
BBCVolt=’0’
3.0
5.5
V
BBCVolt=’1’
3.3
5.5
VBBC
Maximum charging
voltage
BBCVolt=’0’
2.4
2.5
2.6
V
BBCVolt=’1’
2.9
3.0
3.1
IBBC
Charge current
Value is set by BBCCur in
the Backup Battery Charger
register
-30%
BBCCur
+30%
A
VDELTA
Delta voltage for
resistive mode
BBCResOff=’0’
160
220
300
mV
IVSUP
Supply current
BBCResOff=’0’
20
μA
BBCResOff=’1’
BBCPwrSave=’1’; backup
battery full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com