Electronic Components Datasheet Search
  English  ▼

X  

AS3722 Datasheet(PDF) 81 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 81 Page - ams AG

Back Button AS3722 Datasheet HTML 77Page - ams AG AS3722 Datasheet HTML 78Page - ams AG AS3722 Datasheet HTML 79Page - ams AG AS3722 Datasheet HTML 80Page - ams AG AS3722 Datasheet HTML 81Page - ams AG AS3722 Datasheet HTML 82Page - ams AG AS3722 Datasheet HTML 83Page - ams AG AS3722 Datasheet HTML 84Page - ams AG AS3722 Datasheet HTML 85Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 198 page
background image
ams Datasheet
Page 81
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- System Functions
I2C Write Access
Byte Write and Page Write formats are used to write data to the
slave.
Figure 75:
I2C Page Write
I2C Byte Write: Shows the format of an I2C byte write access.
Figure 76:
I2C Page Write
I2C Page Write: Shows the format of an I2C page write access.
The transmission begins with the START condition, which is
generated by the master when the bus is in IDLE state (the bus
is free). The device-write address is followed by the word
address. After the word address any number of data bytes can
be sent to the slave. The word address is incremented internally,
in order to write subsequent data bytes on subsequent address
locations.
For reading data from the slave device, the master has to change
the transfer direction. This can be done either with a repeated
START condition followed by the device-read address, or simply
with a new transmission START followed by the device-read
address, when the bus is in IDLE state. The device-read address
is always followed by the 1st register byte transmitted from the
slave. In Read Mode any number of subsequent register bytes
can be read from the slave. The word address is incremented
internally.
I2C Read Access
Random, Sequential and Current Address Read are used to read
data from the slave.
A
DW
S
WA
A data
P
WA++
A
A
DW
S
WA
A data 1 A data 2 A
...
data n
WA++
WA++
WA++
P
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com