Electronic Components Datasheet Search
  English  ▼

X  

AS3722 Datasheet(PDF) 87 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 87 Page - ams AG

Back Button AS3722 Datasheet HTML 83Page - ams AG AS3722 Datasheet HTML 84Page - ams AG AS3722 Datasheet HTML 85Page - ams AG AS3722 Datasheet HTML 86Page - ams AG AS3722 Datasheet HTML 87Page - ams AG AS3722 Datasheet HTML 88Page - ams AG AS3722 Datasheet HTML 89Page - ams AG AS3722 Datasheet HTML 90Page - ams AG AS3722 Datasheet HTML 91Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 198 page
background image
ams Datasheet
Page 87
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Register Overview
Figure 86:
Register Overview
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
00h
SD0Voltage
sd0_low_power
sd0_vsel<6:0>
01h
SD1Voltage
sd0_low_power
sd1_vsel<6:0>
02h
SD2Voltage
sd2_frequ
sd2_vsel<6:0>
03h
SD3Voltage
sd3_frequ
sd3_vsel<6:0>
04h
SD4Voltage
sd4_frequ
sd4_vsel<6:0>
05h
SD5Voltage
sd5_frequ
sd5_vsel<6:0>
06h
SD6Voltage
sd6_low_power
sd6_vsel<6:0>
08h
GPIO0control
gpio0_invert
gpio0_iosf<6:3>
gpio0_mode<2:0>
09h
GPIO1control
gpio1_invert
gpio1_iosf<6:3>
gpio1_mode<2:0>
0Ah
GPIO2control
gpio2_invert
gpio2_iosf<6:3>
gpio2_mode<2:0>
0Bh
GPIO3control
gpio3_invert
gpio3_iosf<6:3>
gpio3_mode<2:0>
0Ch
GPIO4control
gpio4_invert
gpio4_iosf<6:3>
gpio4_mode<2:0>
0Dh
GPIO5control
gpio5_invert
gpio5_iosf<6:3>
gpio5_mode<2:0>
0Eh
GPIO6control
gpio6_invert
gpio6_iosf<6:3>
gpio6_mode<2:0>
0Fh
GPIO7control
gpio7_invert
gpio7_iosf<6:3>
gpio7_mode<2:0>
10h
LDO0Voltage
ldo0_ilimit
-
ldo0_vsel<4:0>
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com