Electronic Components Datasheet Search
  English  ▼

X  

AS3722 Datasheet(PDF) 22 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 22 Page - ams AG

Back Button AS3722 Datasheet HTML 18Page - ams AG AS3722 Datasheet HTML 19Page - ams AG AS3722 Datasheet HTML 20Page - ams AG AS3722 Datasheet HTML 21Page - ams AG AS3722 Datasheet HTML 22Page - ams AG AS3722 Datasheet HTML 23Page - ams AG AS3722 Datasheet HTML 24Page - ams AG AS3722 Datasheet HTML 25Page - ams AG AS3722 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 198 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- Power Management Functions
Figure 11:
DC/DC Buck Dis-Continuous Mode
DC/DC Buck Dis-Continuous Mode: Shows the DC/DC switching waveforms of for SD5 at about 60mA.
Only in the case the load current gets so small that less than the
minimum on-time of the PMOS would be needed to keep the
loop in regulation the regulator will enter power save operation
and skip pulses during this time. The crossover point is about
~1% of the DCDC current limit.
Figure 12:
DC/DC Buck Dis-Continuous & Low Power Mode
DC/DC Buck Dis-Continuous & Low Power Mode: Shows the DC/DC switching waveforms of for SD5 at about
10mA.High efficiency operation (default setting):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com