Electronic Components Datasheet Search
  English  ▼

X  

AS3722 Datasheet(PDF) 92 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 92 Page - ams AG

Back Button AS3722 Datasheet HTML 88Page - ams AG AS3722 Datasheet HTML 89Page - ams AG AS3722 Datasheet HTML 90Page - ams AG AS3722 Datasheet HTML 91Page - ams AG AS3722 Datasheet HTML 92Page - ams AG AS3722 Datasheet HTML 93Page - ams AG AS3722 Datasheet HTML 94Page - ams AG AS3722 Datasheet HTML 95Page - ams AG AS3722 Datasheet HTML 96Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 198 page
background image
Page 92
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3 722 − Register Description
5Bh
OVcurrent_deb
-
sd6_ilimit<4:3>
-
sd06_ovc_alarm_deb<1:0>
5Ch
SDlv_deb
pg_sd6_vmask_time<7:6>
sd6_lv_deb<5:4>
sd1_lv_deb<3:2>
sd0_lv_deb<1:0>
5Dh
OC_pg_ctrl
pg_vresfall_mask
pg_ovcurr
_sd0_mas
k
pg_pwr
good_sd
0_mask
pg_gpio5_
mask
pg_gpi
o4_mas
k
pg_gpio3_mask
pg_ac_ok_mask
pg_ac_ok_inv
5Eh
OC_pg_ctrl2
pg_ovcurr_sd6_
mask
pg_pwrgo
od_sd6_
mask
pg_sd6_ovc_alarm<5:3>pg_vmask_time<2:1>
-
5Fh
CTRLstatus
sd0_pwr_ok
enable3
enable2
enable1
ov_curr
therm
lid
ac_ok
60h
RTCcontrol
am_pm_mode
-
clk32out
_en
rtc_irq_mode<4:3>
rtc_on
rtc_alarm_wakeup_e
n
rtc_rep_wakeup_en
61h
RTCsecond
-
second1<6:4>
second0<3:0>
62h
RTCminute
-
minute1<6:4>
minute0<3:0>
63h
RTChour
pm
-
hour1<5:4>
hour0<3:0>
64h
RTCday
-
day1<5:4>
day0<3:0>
65h
RTCmonth
-
month1
month0<3:0>
66h
RTCyear
-
year1<6:4>
year0<3:0>
67h
RTCAlarmSecond
-
Alarmsecond1<6:4>
Alarmsecond0<3:0>
68h
RTCAlarmMinute
-
Alarmminute1<6:4>
Alarmminute0<3:0>
69h
RTCAlarmHour
Alarmpm
-
Alarmhour1<5:4>
Alarmhour0<3:0>
6Ah
RTCAlarmday
-
Alarmday1<5:4>
Alarmday0<3:0>
6Bh
RTCAlarmmonth
-
Alarmmon
th1
Alarmmonth0<3:0>
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com