Electronic Components Datasheet Search
  English  ▼

X  

AS3722 Datasheet(PDF) 130 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 130 Page - ams AG

Back Button AS3722 Datasheet HTML 126Page - ams AG AS3722 Datasheet HTML 127Page - ams AG AS3722 Datasheet HTML 128Page - ams AG AS3722 Datasheet HTML 129Page - ams AG AS3722 Datasheet HTML 130Page - ams AG AS3722 Datasheet HTML 131Page - ams AG AS3722 Datasheet HTML 132Page - ams AG AS3722 Datasheet HTML 133Page - ams AG AS3722 Datasheet HTML 134Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 198 page
background image
Page 130
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 132:
Resetreason
Addr:31h
Resetreason
Bit
Bit Name
Default
Access
Bit Description
7:4
reset_reason
0
RW_SM
This flag indicates the exit of active mode reason
0 : VPOR has been reached (battery or supply
insertion from scratch)
1 : ResVoltFall reached by VBAT or vsup_min
reached by VSUP
2 : Software forced by force_reset (soft or hard)
3 : Software forced by power_off
4 : ONKEY longpress has been detected
5 : XRES_IN pin
6 : THERM pin
7 : overtemperature T140 (die, SD0, SD1, or SD6)
8 : watchdog
9 : VSUP overvoltage reached
10 : Transition to standby mode
3:0
startup_reason
0
RW_SM
This flag indicates the startup reason after power
off
0 : VPOR has been reached (battery or supply
insertion from scratch)
1 : ONKEY has been pulled high in power off mode
2 : AC_OK has been detected in power off mode
3 : LID has been detected in power off mode
4 : RTC wakeup has been detected in power off
mode
5 : Interrupt in standby mode has been detected
6 : Reset cycle
7 : Soft reset cycle
8 : ResVoltRise was reached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com