| Electronic Components Datasheet Search |
|
AS3956 Datasheet(PDF) 72 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3956 Datasheet(HTML) 72 Page - ams AG |
|
72 / 107 page ![]() Page 72 ams Datasheet Document Feedback [v1-11] 2018-Nov-14 AS3956 − Detailed Description Immediate Slave Read All I²C sequences for AS3956 starts with slave address and read/write bit set to zero (write) so that MCU can send the command byte to the AS3956. A special case is where the MCU sets the read/write bit to one in the first byte. In this case the AS3956 will send back the content of registers starting from address 0x01. If the address is incremented beyond the address space of the registers, the AS3956 will transmit back zeros. The first returned byte by AS3956 is data value 0xFF. Figure 73: Immediate Slave Read Writing and Reading EEPROM through I²C EEPROM data can be read and written through I²C interface. Arbitration between EEPROM accesses via the RF and SPI/I²C interface are performed on a first-come-first-serve basis as described in Interface Arbitration. Block Address Byte Both EEPROM Read and Write use Block Address byte to define the EEPROM block address to be accessed. Seven MSB bits of the Address Byte are used to define the address; while the last bit is don’t-care (it is used to synchronize EEPROM access). Figure 74: EEPROM Block Address Byte over I²C B7 B6 B5 B4 B3 B2 B1 B0 EEPROM Block Address WA6 WA5 WA4 WA3 WA2 WA1 WA0 x A 6 A 5 A 4 A 3 A 2 A 1 A 0 A C K P S Slave address A C K SCL SDA N A K 1 11 1 1 1 1 11 0xFF D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Reg addr. 0x01 A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Reg addr. 0x02 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |