Electronic Components Datasheet Search
  English  ▼

X  

AS3956 Datasheet(PDF) 81 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 81 Page - ams AG

Back Button AS3956 Datasheet HTML 77Page - ams AG AS3956 Datasheet HTML 78Page - ams AG AS3956 Datasheet HTML 79Page - ams AG AS3956 Datasheet HTML 80Page - ams AG AS3956 Datasheet HTML 81Page - ams AG AS3956 Datasheet HTML 82Page - ams AG AS3956 Datasheet HTML 83Page - ams AG AS3956 Datasheet HTML 84Page - ams AG AS3956 Datasheet HTML 85Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 107 page
background image
ams Datasheet
Page 81
[v1-11] 2018-Nov-14
Document Feedback
AS3956 − Detailed Description
The data bits b1 to b8 are mapped to buffer data bits D0 to D7,
which means that the order of receiving/transmitting bits in a
byte is reversed (the bytes are sent LSB first while the SPI / I²C
bytes are sent MSB first).
Direct Commands
The direct command consist of command byte and status byte
returned by the AS3956 (the command sequence depends on
the interface type). The command execution is initiated at the
end of the command byte. The execution of the command is
not cancelled if the command sequence is interrupted while
reading status byte.
Figure 82:
List of Direct Commands
Set Default
This direct command puts the AS3956 in the same state as
power-up initialization except for I²C bit in register IC Status
Display Register that defines the interface and IO Configuration
Register, which are not cleared.
Clear Buffer
Clears buffer, buffer overflow and underflow bits.
Command Byte
Value <hex>
Command
Comments
C2
Set Default
Set AS3956 to default state
C4
Clear Buffer
Clears buffer and its error flags
C6
Restart Transceiver
Restarts transceiver communication logics
C7
Disable/Enable Transceiver
Toggles disable transceiver bit
C8
Transmit Buffer
Starts a transmit sequence of the buffer content
C9
Transmit ACK
Transmits NFC ACK reply
CA
Transmit NACK 0
Transmits NFC NAK reply with code 0h
CB
Transmit NACK 1
Transmits NFC NAK reply with code 1h
CD
Transmit NACK 4
Transmits NFC NAK reply with code 4h
CC
Transmit NACK 5
Transmits NFC NAK reply with code 5h
D0
Go To Sleep
Puts a tag in SLEEP state
D1
Go To Sense
Puts a tag in SENSE state
D2
Go To Sense / Sleep
Puts a tag in SENSE or SLEEP state depending
on the internal AS3956 state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com