Electronic Components Datasheet Search
  English  ▼

X  

AS3956 Datasheet(PDF) 88 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 88 Page - ams AG

Back Button AS3956 Datasheet HTML 84Page - ams AG AS3956 Datasheet HTML 85Page - ams AG AS3956 Datasheet HTML 86Page - ams AG AS3956 Datasheet HTML 87Page - ams AG AS3956 Datasheet HTML 88Page - ams AG AS3956 Datasheet HTML 89Page - ams AG AS3956 Datasheet HTML 90Page - ams AG AS3956 Datasheet HTML 91Page - ams AG AS3956 Datasheet HTML 92Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 107 page
background image
Page 88
ams Datasheet
Document Feedback
[v1-11] 2018-Nov-14
AS3956 − Register Description
Figure 92:
Interrupt Register 0
Note(s):
1. Power-up and Set Default command set the content of this register to 0. After Interrupt Register has been read, its content is set
again to 0.
Figure 93:
Interrupt Register 1
Address 0Ah: Interrupt Register 0
Bit
Name
Function
Type
7
I_init
Initialise IRQ. Interrupt is triggered at each power up (RF or battery),
when chip is already powered and RF field appears and after Go To
Sleep, Go To Sense, Go To Sense / Sleep and Set Defaultcommand
RO
6
I_wu_a
Wake-up IRQ at entry in SELECTED state
RO
5
I_slp
IRQ due to reception of SLP_REQ command
RO
4
I_eew_rf
PCD has updated the content of the data area
RO
3
I_eer_rf
PCD has read the content of the data area
RO
2I_rxe
IRQ due to End of Receive. Applicable when receive frame is put in
buffer
RO
1I_txe
IRQ due to End of Transmission. Applicable when data from buffer is
sent
RO
0
I_xrf
Exit RF field IRQ
RO
Address 0Bh: Interrupt Register 1
Bit
Name
Function
Type
7I_rxs
IRQ due to Start of Receive. Applicable when receive frame is
put in buffer
RO
6
I_frm_err
Lower layer error (broken byte, wrong bit coding sequence) / In
case of error the receive data is still put in buffer, error IRQ is
additionally sent
RO
5I_par_err
Parity error / In case of error the receive data is still put in buffer,
error IRQ is additionally sent
RO
4I_crc_err
CRC error / In case of CRC error the receive data is still put in
buffer, error IRQ is additionally sent
RO
3
I_bf_err
Buffer error (overflow/underflow). See Buffer Status Register 2
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com