Electronic Components Datasheet Search
  English  ▼

X  

AS3956 Datasheet(PDF) 10 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 10 Page - ams AG

Back Button AS3956 Datasheet HTML 6Page - ams AG AS3956 Datasheet HTML 7Page - ams AG AS3956 Datasheet HTML 8Page - ams AG AS3956 Datasheet HTML 9Page - ams AG AS3956 Datasheet HTML 10Page - ams AG AS3956 Datasheet HTML 11Page - ams AG AS3956 Datasheet HTML 12Page - ams AG AS3956 Datasheet HTML 13Page - ams AG AS3956 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-11] 2018-Nov-14
AS3956 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Operating Conditions
All in this specification defined tolerances for external
components need to be assured over the whole operation
conditions range and also over lifetime.
Figure 7:
Electrical Characteristics
Note(s):
1. For VDD_IO <1.65V correct operation is not guaranteed.
DC/AC Characteristics for Digital Inputs and
Outputs
Figure 8:
CMOS Inputs /SS, MOSI and SCLK
Symbol
Parameter
Min
Max
Unit
Notes
Ilim
Limiter current
30
mA
IVP_REG
Output current VP_REG
5.0
mA
VDD_IO_RF
SPI / I²C power supply
on VP_IO pin
05.5
V
When logic is powered
from RF interface without
wired interface operational
VDD_IO
SPI / I²C power supply
on VP_IO pin
1.65(1)
5.5
V
When logic is powered
from VP_IO or RF powered
with wired interface
operational
Tjunc
Junction temperature
-40
125
°C
VDD_IO_SR
VDD_IO slew rate
15
V/ms
Min. slew rate on VP_IO
during power-up for
correct operation of wired
interface
Symbol
Parameter
Min
Typ
Max
Unit
Note
VIH
High level input voltage
0.75 * VDD_IO
V
VIL
Low level input voltage
0.25 * VDD_IO
V
ILEAK
Input leakage current
10
μA
@125°C
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com