Electronic Components Datasheet Search
  English  ▼

X  

AS3956 Datasheet(PDF) 15 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 15 Page - ams AG

Back Button AS3956 Datasheet HTML 11Page - ams AG AS3956 Datasheet HTML 12Page - ams AG AS3956 Datasheet HTML 13Page - ams AG AS3956 Datasheet HTML 14Page - ams AG AS3956 Datasheet HTML 15Page - ams AG AS3956 Datasheet HTML 16Page - ams AG AS3956 Datasheet HTML 17Page - ams AG AS3956 Datasheet HTML 18Page - ams AG AS3956 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 107 page
background image
ams Datasheet
Page 15
[v1-11] 2018-Nov-14
Document Feedback
AS3956 − Detailed Description
VP_IO is connected to VDD only when AS3956 is not in the RF
field (rectified supply voltage is below HF_PON threshold) and
the SPI / I²C interface is activated by pulling /SS signal low. The
switch to VP_IO is controlled by /SS signal. The VP_IO
deactivation is delayed by TVP_IO_DD, so that the switch shall
stay closed in case of shorter times between successive SPI / I²C
activations. The switch is also closed during EEPROM writes
activated over SPI / I²C.
At activation of the switch, the time between the falling edge
of the /SS signal and rising edge of SCLK shall be at least TNCSL
minimum to allow charging of internal VDD buffer capacitor,
expiration of POR signal and to perform a complete IC
initialization. Please note that the only SPI / I²C operations,
which are allowed in this mode, are read and write of EEPROM
and registers.
If the RF field is lost during operation and the external system
(MCU) is supplied over battery and /SS is low then power
manager will automatically connect the VDD to VP_IO.
To enable low power mode where tag consumes ISB_SPI , the
following conditions must be met:
• SPI interface configured
• All SPI interface input lines (including /SS) must be set to
high
• All SPI output lines must be open
Power Mode 3 - External Supply Used to Power
EEPROM and Logic
In this case the external supply shall be used to provide power
to digital blocks, EEPROM, SPI / I²C pads and MCU. External
supply VP_REG is not used. Since this mode can be enabled only
after initialization of the chip, the /SS line must be either
permanently set to low or pulled low for short time to complete
the initialization. When reading from or writing to the EEPROM
via I2C/SPI it is recommended that the MCU should first check
whether there is enough energy available, then switch to Power
mode 3 and execute the SPI/I2C read or write and finally switch
back to the original power mode if required.
In this mode, the HF_PON threshold of the chip is set so that it
will operate at VHF_PON.
If this mode is enabled, AS3956 will not be turned off as long
as there is an external power present.
Power Mode 3 requires external power to be provided on
VP_IO. It is therefore very important to always power up in
Power Mode 0 or 1 (power mode set to PM 0 or 1 in EEPROM)
and then switch to Power Mode 3 by SPI/ I²C command only
when external power is available by writing to IC Configuration
Register 2. Before disconnecting external power i.e. switching
off VP_IO, it is recommended to switch the chip back into Power
Mode 0 again by writing to IC Configuration Register 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com