Electronic Components Datasheet Search
  English  ▼

X  

AS5013 Datasheet(PDF) 10 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 10 Page - ams AG

Back Button AS5013 Datasheet HTML 6Page - ams AG AS5013 Datasheet HTML 7Page - ams AG AS5013 Datasheet HTML 8Page - ams AG AS5013 Datasheet HTML 9Page - ams AG AS5013 Datasheet HTML 10Page - ams AG AS5013 Datasheet HTML 11Page - ams AG AS5013 Datasheet HTML 12Page - ams AG AS5013 Datasheet HTML 13Page - ams AG AS5013 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Page 10
ams Datasheet
Document Feedback
[v2-00] 2021-Apr-19
AS5013 − Detailed Description
Figure 9:
Electrical Connection of AS5013 with Microcontroller
XY Coordinates Interpretation
The movement of the magnet over the Hall elements causes
response which is geometrically distributed like a bell-shaped
curve.
The maximum magnet travel is a circle of 2mm radius around
the center of the AS5013. The Hall elements C1..C4 are placed
on a circle centered on the middle of the package. The Hall
element C5, placed exactly in the middle is used for better
linearity response with magnet displacement larger than
±1.0mm.
µC
Interrupt
Supply : peripherals
100n
DC2.7 ~3.6V
DC1.7 ~3.6V
I ² C
Interface
SDA
SCL
VDD
VSS
INTn
SDA
SCL
VDDp
ADC
C3
C2
C4
C1
Hall Sensors
AS5013
Clock
Generator
Processing
Engine
I²C
Interface
Power
Management
TestCoil
RESETn
ADDR
100n
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com