Electronic Components Datasheet Search
  English  ▼

X  

RF-SERIES Datasheet(PDF) 9 Page - IDEC Corporation

Part # RF-SERIES
Description  Enables flexible construction of safety circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF-SERIES Datasheet(HTML) 9 Page - IDEC Corporation

Back Button RF-SERIES Datasheet HTML 5Page - IDEC Corporation RF-SERIES Datasheet HTML 6Page - IDEC Corporation RF-SERIES Datasheet HTML 7Page - IDEC Corporation RF-SERIES Datasheet HTML 8Page - IDEC Corporation RF-SERIES Datasheet HTML 9Page - IDEC Corporation RF-SERIES Datasheet HTML 10Page - IDEC Corporation RF-SERIES Datasheet HTML 11Page - IDEC Corporation RF-SERIES Datasheet HTML 12Page - IDEC Corporation RF-SERIES Datasheet HTML 13Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
For more information, visit http://asia.idec.com
E-193
APEM
Switches &
Pilot Lights
Control Boxes
Emergency
Stop Switches
Enabling
Switches
Safety Products
Explosion Proof
Terminal Blocks
Relays & Sockets
Circuit
Protectors
Power Supplies
LED Illumination
Controllers
Operator
Interfaces
Sensors
AUTO-ID
Interlock
Switches
Non-contact
Interlock Switches
Safety Laser
Scanners
Safety Light
Curtains
Safety Modules
FS1A
RF1V
RF2
HR2S
HR1S
RF2 2-pole Force Guided Relay / SJ Series Socket
Ratings
Coil ratings
Rated Voltage
(V)
Rated Current (mA)
±15% (at 20°C)
Coil Resistance
±10% (at 20°C)
Operating Characteristics (against rated values at 20°C)
Power
Consumption
Minimum Pickup
Voltage
Dropout Voltage
Maximum Allowable
Voltage (Note)
Without LED
With LED
12V DC
58
63
205
75% maximum
10% minimum
110%
Approx. 0.7W
24V DC
29
33
820
48V DC
14.6
18
3300
Note: Maximum allowable voltage is the maximum voltage that can be applied to relay coils.
Standard Ratings
Voltage
UL Rating Resistive
CSA Rating Resistive
NO
NC
NO
NC
277V AC
6A
3A
6A
3A
30V DC
6A
3A
6A
3A
Voltage
TÜV Rating Resistive
NO
NC
240VAC
6A
3A
24V DC
6A
3A
Specifications
Model
RF2S (Plug-in Terminal)
RF2V (PC board terminal)
No. of Poles
2-pole
Contact Configuration
SPST-NO + SPST-NC, DPDT
Disconnecting Means
Micro disconnection
Contact Resistance (Note 1)
100mΩ maximum
Contact Material
AgNi+Au-Clad
Degree of Protection
RTII (flux-tight), RTIII (sealed)
Rated Load (resistive load)
NO contact: 240V AC, 6A/24V DC, 6A
NC contact: 240V AC, 3A/24V DC, 3A
Contact
Maximum Allowable Power
(resistive load)
NO contact: 1440VA/144W, NC contact: 720VA/72W
Maximum Allowable Voltage
250V AC, 125V DC
Maximum Allowable Current
6A
Minimum Applicable Load (Note 2)
1V DC, 1mA
Power Consumption
Approx. 0.7W
Rated Insulation Voltage
250V
Insulation Resistance
1000MΩ minimum (500V megger)
Impulse Withstand Voltage
6000V
Pollution Degree
2
Dielectric
Strength
Between contact and coil
5000V AC, 1 minute
Between contacts of the same pole
4000V AC, 1 minute
Between contacts of the different poles
1500V AC, 1 minute
Operating Time
15ms max. (at the rated coil voltage, excluding contact bounce time)
Response Time (Note 3)
5ms max. (at the rated coil voltage, without diode)
20ms max. (at the rated coil voltage, with diode)
Release Time
10ms max. (at the rated coil voltage, excluding contact bounce time, without diode)
25ms max. (at the rated coil voltage, excluding contact bounce time, with diode)
Vibration
Resistance
Operating Extremes
NO contact: 10 to 55Hz, amplitude 0.75mm
NC contact:10 to 55Hz, amplitude 0.2mm
Damage Limits
10 to 55Hz, amplitude 0.75mm
Shock
Resistance
Operating Extremes
NO contact: 100m/s2, NC contact: 50m/s2
Damage Limits
1000m/s2
Electrical Life
NO contact:
100,000 operations minimum (operating frequency 1,800 per hour) at 240V 6A resistive load or
2A inductive load (power factor 0.4)
100,000 operations minimum (operating frequency 1,800 per hour) at 24V 6A resistive load or
1A inductive load (time constant 48ms)
NC contact:
100,000 operations minimum (operating frequency 1,800 per hour) at 240V AC, 3A resistive load or 2A inductive
load (power factor 0.4)
100,000 operations minimum (operating frequency 1,800 per hour) at 24V DC, 3A resistive load or 1A inductive
load (time constant 48ms)
Mechanical Life
10 million operations minimum (operating frequency 18,000 operations per hour)
Operating Temperature
Single mounting: –40 to +70°C (no freezing)
Collective mounting: –40 to +55°C (no freezing)
–40 to +70°C (no freezing)
Operating Humidity
5 to 85%RH (no condensation)
Storage Temperature
–40 to +85°C (no freezing)
Weight (approx.)
18g (without LED/diode), 20g (with LED/with diode/with LED & diode)
• Above values are initial values.
Note 1: Measured using 5V DC, 1A voltage drop method.
Note 2: Failure rate level P, reference value
Note 3: Response time is the time until NO contact opens, after the coil voltage is turned off.
For more information, visit http://eu.idec.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com