Electronic Components Datasheet Search
  English  ▼

X  

RF-SERIES Datasheet(PDF) 8 Page - IDEC Corporation

Part # RF-SERIES
Description  Enables flexible construction of safety circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF-SERIES Datasheet(HTML) 8 Page - IDEC Corporation

Back Button RF-SERIES Datasheet HTML 4Page - IDEC Corporation RF-SERIES Datasheet HTML 5Page - IDEC Corporation RF-SERIES Datasheet HTML 6Page - IDEC Corporation RF-SERIES Datasheet HTML 7Page - IDEC Corporation RF-SERIES Datasheet HTML 8Page - IDEC Corporation RF-SERIES Datasheet HTML 9Page - IDEC Corporation RF-SERIES Datasheet HTML 10Page - IDEC Corporation RF-SERIES Datasheet HTML 11Page - IDEC Corporation RF-SERIES Datasheet HTML 12Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Download catalogs and CAD from http://asia.idec.com/downloads
E-192
APEM
Switches &
Pilot Lights
Control Boxes
Emergency
Stop Switches
Enabling
Switches
Safety Products
Explosion Proof
Terminal Blocks
Relays & Sockets
Circuit
Protectors
Power Supplies
LED Illumination
Controllers
Operator
Interfaces
Sensors
AUTO-ID
Interlock
Switches
Non-contact
Interlock Switches
Safety Laser
Scanners
Safety Light
Curtains
Safety Modules
FS1A
RF1V
RF2
HR2S
HR1S
RF2 2-pole Force Guided Relay / SJ Series Socket
Part No. Development
–
–
RF
Series
2
No. of Poles
2
2-pole
S
Terminal Style
S Plug-in
V PC Board
1A1B
Contact Configuration
1A1B
SPST-NO +
SPST-NC
2C
DPDT
LD1
Option
Blank Standard
L
With LED indicator
D
With diode (Note 1)
D1
With diode of reverse polarity coil
(Note 2)
LD
With LED indicator & diode (Note 1)
LD1
With LED indicator & diode of
reverse polarity coil (Note 2)
K
Degree of
Protection
Blank RTII
K
RTIII
D24
Rated Coil Voltage
D12 12V DC
D24 24V DC
D48 48V DC
Note 1: With diode: terminal 1 –, terminal 8 +
Note 2: With diode of reverse polarity coil: terminal 1 +, terminal 8 –
Note 3: Use this chart for interpreting part numbers. Not all possible
variations can be realized.
For simple and easy safety measure. Reduce cost and installation space.
SJ series relay socket
Plug-in terminal
PC board terminal
Force Guided Relays
Contact Configuration
Terminal
Style
LED Indicator
w/diode
of reverse
polarity coil
Degree of Protection
Rated
Coil Voltage
Part No.
Flux-tight (RTII)
Sealed (RTIII)
2-pole
SPST-NO +
SPST-NC
Plug-in
With
√
√
—
12V DC
RF2S-1A1BLD1-D12
Without
—
√
—
24V DC
RF2S-1A1B-D24
√
√
—
RF2S-1A1BD1-D24
With
√
√
—
RF2S-1A1BLD1-D24
√
—
√
RF2S-1A1BLD1K-D24
Without
—
√
—
48V DC
RF2S-1A1B-D48
With
√
√
—
RF2S-1A1BLD1-D48
√
—
√
RF2S-1A1BLD1K-D48
DPDT (*1)
Without
—
√
—
24V DC
RF2S-2C-D24
Without
√
√
—
RF2S-2CD1-D24
With
√
√
—
RF2S-2CLD1-D24
With
√
—
√
RF2S-2CLD1K-D24
SPST-NO +
SPST-NC
PC Board
Without
—
√
—
12V DC
RF2V-1A1B-D12
—
√
—
24V DC
RF2V-1A1B-D24
—
—
√
RF2V-1A1BK-D24
√
√
—
RF2V-1A1BD1-D24
√
—
√
RF2V-1A1BD1K-D24
With
√
—
√
RF2V-1A1BLD1K-D24
Without
—
√
—
48V DC
RF2V-1A1B-D48
DPDT (*1)
Without
—
√
—
24V DC
RF2V-2C-D24
*1) When using DPDT model as a force guided relay, use in SPST-NO+SPST-NC wiring (EN50205).
• Other part numbers are available. See below (contact IDEC for details).
Download catalogs and CAD from http://eu.idec.com/downloads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com