Electronic Components Datasheet Search
  English  ▼

X  

RF-SERIES Datasheet(PDF) 7 Page - IDEC Corporation

Part # RF-SERIES
Description  Enables flexible construction of safety circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF-SERIES Datasheet(HTML) 7 Page - IDEC Corporation

Back Button RF-SERIES Datasheet HTML 3Page - IDEC Corporation RF-SERIES Datasheet HTML 4Page - IDEC Corporation RF-SERIES Datasheet HTML 5Page - IDEC Corporation RF-SERIES Datasheet HTML 6Page - IDEC Corporation RF-SERIES Datasheet HTML 7Page - IDEC Corporation RF-SERIES Datasheet HTML 8Page - IDEC Corporation RF-SERIES Datasheet HTML 9Page - IDEC Corporation RF-SERIES Datasheet HTML 10Page - IDEC Corporation RF-SERIES Datasheet HTML 11Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
For more information, visit http://asia.idec.com
E-191
APEM
Switches &
Pilot Lights
Control Boxes
Emergency
Stop Switches
Enabling
Switches
Safety Products
Explosion Proof
Terminal Blocks
Relays & Sockets
Circuit
Protectors
Power Supplies
LED Illumination
Controllers
Operator
Interfaces
Sensors
AUTO-ID
Interlock
Switches
Non-contact
Interlock Switches
Safety Laser
Scanners
Safety Light
Curtains
Safety Modules
FS1A
RF1V
RF2
HR2S
HR1S
RF1V Force Guided Relays / SF1V Relay Sockets
Operating Instructions
3. Do not use a contact protection circuit as shown below:
Power
C
Load
This protection circuit is very effective in arc suppression
when opening the contacts. But, the capacitor is charged
while the contacts are opened. When the contacts are
closed, the capacitor is discharged through the contacts,
increasing the possibility of contact welding.
C
Load
Power
This protection circuit is very effective in arc suppression
when opening the contacts. But, when the contacts are
closed, a current flows to charge the capacitor, causing
contact welding.
Generally, switching a DC inductive load is more difficult than switching
a DC resistive load. Using an appropriate arc suppressor will improve the
switching characteristics of a DC inductive load.
3. Usage, transport, and storage conditions
1. Temperature, humidity, atmospheric pressure during usage,
transport, and storage.
 
Temperature: –40°C to +85°C (no freezing)
See
E-187 for the current and operating temperature.
 
Humidity: 5 to 85%RH (no condensation)
The humidity range varies with temperature. Use within the
range indicated in the chart below.
 
Atmospheric pressure: 86 to 106 kPa
Operating temperature and humidity range
Tolerance Range
(Avoid freezing
when using at
temperatures
below 0ºC)
(Avoid
condensation
when using at
temperatures
above 0ºC)
85
5
0
–40
85
Humidity (%RH)
Temperature (ºC)
2. Condensation
Condensation occurs when there is a sudden change in
temperature under high temperature and high humidity
conditions. The relay insulation may deteriorate due to
condensation.
3. Freezing
Condensation or other moisture may freeze on the relay when the
temperatures is lower than 0ºC. This causes problems such as
sticking of movable parts or delay in operation.
4. Low temperature, low humidity environments
Plastic parts may become brittle when used in low temperature
and low humidity environments.
4. Panel Mounting
When mounting DIN rail mount sockets on a panel, take the following
into consideration.
• Use M3.5 screws, spring washers, and hex nuts.
• For mounting hole layout, see dimensions on
E-189.
• Keep the tightening torque within 0.49 to 0.68 N·m. Excessive
tightening may cause damage to the socket.
5. Others
1. General notice
To maintain the initial characteristics, do not drop or shock the
relay.
The relay cover cannot be removed from the base during
normal operation. To maintain the initial characteristics, do not
remove the relay cover.
Use the relay in environments free from condensation, dust,
sulfur dioxide (SO2), and hydrogen sulfide (H2S).
The RF1V relay cannot be washed as it is not a sealed type.
Also make sure that flux does not leak to the PC board and
enter the relay.
2. Connecting outputs to electronic circuits:
When the output is connected to a load which responds very
quickly, such as an electronic circuit, contact bouncing causes
incorrect operation of the load. Take the following measures into
consideration.
Connect an integration circuit.
Suppress the pulse voltage due to bouncing within the noise
margin of the load.
3. Do not use relays in the vicinity of strong magnetic field, as this
may affect relay operation.
4. UL and CSA ratings may differ from product rated values
determined by IDEC.
6. Notes on PC Board Mounting
• When mounting 2 or more relays on a PC board, keep a minimum
spacing of 10 mm in each direction. If used without spacing of 10
mm, rated current and operating temperature differs. Consult IDEC.
• Manual soldering: Solder the terminals at 400°C within 3 sec.
• Auto-soldering: Preliminary heating at 120°C within 120 sec. Solder
at 260°C±5°C within 6 sec.
• Because the terminal part is filled with epoxy resin, do not excessively
solder or bend the terminal. Otherwise, air tightness will degrade.
• Avoid the soldering iron from touching the relay cover or the epoxy
filled terminal part.
• Use a non-corrosive resin flux.
For more information, visit http://eu.idec.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com