Electronic Components Datasheet Search
  English  ▼

X  

RF-SERIES Datasheet(PDF) 3 Page - IDEC Corporation

Part # RF-SERIES
Description  Enables flexible construction of safety circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF-SERIES Datasheet(HTML) 3 Page - IDEC Corporation

  RF-SERIES Datasheet HTML 1Page - IDEC Corporation RF-SERIES Datasheet HTML 2Page - IDEC Corporation RF-SERIES Datasheet HTML 3Page - IDEC Corporation RF-SERIES Datasheet HTML 4Page - IDEC Corporation RF-SERIES Datasheet HTML 5Page - IDEC Corporation RF-SERIES Datasheet HTML 6Page - IDEC Corporation RF-SERIES Datasheet HTML 7Page - IDEC Corporation RF-SERIES Datasheet HTML 8Page - IDEC Corporation RF-SERIES Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
For more information, visit http://asia.idec.com
E-187
APEM
Switches &
Pilot Lights
Control Boxes
Emergency
Stop Switches
Enabling
Switches
Safety Products
Explosion Proof
Terminal Blocks
Relays & Sockets
Circuit
Protectors
Power Supplies
LED Illumination
Controllers
Operator
Interfaces
Sensors
AUTO-ID
Interlock
Switches
Non-contact
Interlock Switches
Safety Laser
Scanners
Safety Light
Curtains
Safety Modules
FS1A
RF1V
RF2
HR2S
HR1S
RF1V Force Guided Relays / SF1V Relay Sockets
Socket Specifications
Model
SF1V-4-07L
SF1V-6-07L
SF1V-4-61
SF1V-6-61
Rated Current
6A
Rated Voltage
250V AC/DC
Insulation Resistance
1000 MΩ minimum (500V DC megger, between terminals)
Applicable Wire
0.7 to 1.65 mm2
(18 AWG to 14 AWG)
—
Recommended Screw
Tightening Torque
0.5 to 0.8 N·m
—
Screw Terminal Style
M3 slotted Phillips self-tapping
screw
—
Terminal Strength
Wire tensile strength: 50N min.
—
Dielectric Strength
2500V AC, 1 minute
(Between live and dead metal parts, between live parts of different poles)
Vibration Resistance
Damage limits: 10 to 55 Hz, amplitude 0.75 mm
Resonance:
10 to 55 Hz, amplitude 0.75 mm
Shock Resistance
1000 m/s2
Operating Temperature
(Note)
–40 to +85°C (no freezing)
Operating Humidity
5 to 85% RH (no condensation)
Storage Temperature
–40 to +85°C (no freezing)
Storage Humidity
5 to 85% RH (no condensation)
Degree of Protection
IP20
(finger-safe screw terminals)
—
Weight (approx.)
40g
55g
9g
10g
Note: See the table at right for the current and operating temperature.
Operating Temperature (relay, socket)
Single mounting
Collective mounting
Operating
Temperature
–40˚C to +85˚C
4-pole
–40˚C to +70˚C
6-pole
–40˚C to +65˚C
Contact
Current
6A
6A
Remarks
When the ambient
temperature is over 70°C,
lower the contact current
at 0.1A/°C.
5NO1NC:
Up to 70°C: Keep the total
current of NO side to 24A
maximum.
Over 70°C: Lower the
contact current at
0.1A/°C.
4-pole
When the ambient
temperature is over 60°C,
lower the contact current at
0.1A/°C.
6-pole
When the ambient
temperature is over 50°C,
lower the contact current at
0.1A/°C.
5NO1NC:
Up to 50°C: Keep the total
current of NO side to 24A
maximum.
Over 50°C: Lower the contact
current at 0.1A/°C.
Applicable Crimping Terminal
Note: Ring tongue terminals
cannot be used.
6.5 min.
4.0 max.
Relay Specifications
Number of Poles
4-pole
6-pole
Contact Configuration
2NO-2NC
3NO-1NC
4NO-2NC
5NO-1NC
3NO-3NC
Contact Resistance (initial value) (Note 1)
100 mΩ maximum
Contact Material
AgSnO2 (Au flashed)
Rated Load (resistive load)
6A 250V AC, 6A 30V DC
Allowable Switching Power (resistive load)
1500 VA, 180W DC (30V DC max.), 85W DC (30V to 120V DC max.)
Allowable Switching Voltage
250V AC, 125V DC
Allowable Switching Current
6A
Minimum Applicable Load (Note 2)
5V DC, 1 mA (reference value)
Power Consumption (approx.)
0.36W
0.50W
Insulation Resistance
1000 MΩ minimum (500V DC megger, same measurement positions as the dielectric strength)
Dielectric
Strength
Between contact and coil
4000V AC, 1 minute
Between contacts of different poles
2500V AC, 1 minute
Between contacts 7-8 and 9-10
2500V AC, 1 minute
Between contacts 7-8 and 11-12
Between contacts 9-10 and 13-14
Between contacts 11-12 and 13-14
4000V AC, 1 minute
Between contacts 3-4 and 5-6
Between contacts 3-4 and 7-8
Between contacts 5-6 and 9-10
4000V AC, 1 minute
Between contacts 3-4 and 5-6
Between contacts 3-4 and 7-8
Between contacts 5-6 and 9-10
Between contacts 7-8 and 9-10
Between contacts of the same pole
1500V AC, 1 minute
Operate Time (at 20°C)
20 ms maximum (at the rated coil voltage, excluding contact bounce time)
Response Time (at 20°C) (Note 3)
8 ms maximum (at the rated coil voltage, excluding contact bounce time, without diode) (Note 4)
Release Time (at 20°C)
20 ms maximum (at the rated coil voltage, excluding contact bounce time, without diode)
Vibration
Resistance
Operating Extremes
10 to 55 Hz, amplitude 0.75 mm
Damage Limits
10 to 55 Hz, amplitude 0.75 mm
Shock
Resistance
Operating Extremes (half sine-wave pulse: 11 ms)
200 m/s2, when mounted on DIN rail mount socket: 150 m/s2
Damage Limits (half sine-wave pulse: 6 ms)
1000 m/s2
Electrical Life
250V AC 6A resistive load: 100,000 operations minimum (operating frequency 1200 per hour)
30V DC 6A resistive load: 100,000 operations minimum (operating frequency 1200 per hour)
250V AC 1A resistive load: 500,000 operations minimum (operating frequency 1800 per hour)
30V DC 1A resistive load: 500,000 operations minimum (operating frequency 1800 per hour)
[AC 15] 240V AC 2A inductive load: 100,000 operations minimum
(operating frequency 1200 per hour, cos ø = 0.3)
[DC 13] 24V DC 1A inductive load: 100,000 operations minimum
(operating frequency 1200 per hour, L/R = 48 ms)
Mechanical Life
10 million operations minimum (operating frequency 10,800 operations per hour)
Operating Temperature (Note 5)
–40 to +85°C (no freezing)
Operating Humidity
5 to 85%RH (no condensation)
Storage Temperature
–40 to +85°C (no freezing)
Storage Humidity
5 to 85%RH (no condensation)
Operating Frequency (rated load)
1200 operations per hour
Weight (approx.)
20g
23g
Note 1: Measured using 6V DC,1A voltage drop method.
Note 2: Failure rate level P (reference value)
Note 3: Response time is the time until NO contact opens, after the coil voltage is turned off.
Note 4: With diode: 12ms maximum (at the rated coil voltage, excluding contact bounce time)
Note 5: See the table below for the current and operating temperature
All dimensions in mm.
For more information, visit http://eu.idec.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com