Electronic Components Datasheet Search
  English  ▼

X  

RF-SERIES Datasheet(PDF) 10 Page - IDEC Corporation

Part # RF-SERIES
Description  Enables flexible construction of safety circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF-SERIES Datasheet(HTML) 10 Page - IDEC Corporation

Back Button RF-SERIES Datasheet HTML 6Page - IDEC Corporation RF-SERIES Datasheet HTML 7Page - IDEC Corporation RF-SERIES Datasheet HTML 8Page - IDEC Corporation RF-SERIES Datasheet HTML 9Page - IDEC Corporation RF-SERIES Datasheet HTML 10Page - IDEC Corporation RF-SERIES Datasheet HTML 11Page - IDEC Corporation RF-SERIES Datasheet HTML 12Page - IDEC Corporation RF-SERIES Datasheet HTML 13Page - IDEC Corporation RF-SERIES Datasheet HTML 14Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Download catalogs and CAD from http://asia.idec.com/downloads
E-194
APEM
Switches &
Pilot Lights
Control Boxes
Emergency
Stop Switches
Enabling
Switches
Safety Products
Explosion Proof
Terminal Blocks
Relays & Sockets
Circuit
Protectors
Power Supplies
LED Illumination
Controllers
Operator
Interfaces
Sensors
AUTO-ID
Interlock
Switches
Non-contact
Interlock Switches
Safety Laser
Scanners
Safety Light
Curtains
Safety Modules
FS1A
RF1V
RF2
HR2S
HR1S
RF2 2-pole Force Guided Relay / SJ Series Socket
SJ Series Relay Socket
Sockets
Package Quantity: 1
Terminal Style
Part No.
Ordering No.
Package Quantity
DIN-rail Socket
(*1)
Standard Screw Terminal (*2)
SJ2S-05B
SJ2S-05B
1
Fingersafe Screw Terminal (*2)
SJ2S-07L
SJ2S-07L
1
Push-in Terminal
SJ2S-21L
SJ2S-21L
1
PC Board Socket
SJ2S-61
SJ2S-61PN10
10
SJ2S-61
SJ2S-05PN50
50
Note: Sockets can be used on RF2S (Plug-in terminal) only.
• See website for details on approvals and standards.
(Standard screw terminal and
Fingersafe screw terminal)
(Push-in terminal)
Accessories and Replacement Parts (for DIN-rail Socket)
Description/Shape
Applicable Socket
Part No.
Material
Part No.
Ordering No.
Package
Quantity
Remarks
Removable Marking
Plate
SJ2S-05B
SJ2S-07L
Plastic (white)
SJ9Z-PW
SJ9Z-PWPN10
10
15.2
Marking area:
15.2 × 7.25 mm
SJ2S-21L
SJ9Z-P2100W SJ9Z-P2100W
(*4)
Jumper
(*3)
For 2 sockets
SJ2S-05B
SJ2S-07L
Nickel-coated brass with
polypropylene coating
SJ9Z-JF2
SJ9Z-JF2PN10
Terminal centers: 15.5mm
Rated current: 12A
For 5 sockets
SJ9Z-JF5
SJ9Z-JF5PN10
For 8 sockets
SJ9Z-JF8
SJ9Z-JF8PN10
For 10 sockets
SJ9Z-JF10
SJ9Z-JF10PN10
For 2 sockets
SJ2S-21L
Zinc-plated steel with
polybutylene terephthalate
coating
SJ9Z-J2102A SJ9Z-J2102A
A2 terminal of the coil is connected.
The rated current is 2A.
Release Lever
(with integrated
marking plate)
SJ2S-05B
SJ2S-07L
Plastic (gray)
SJ9Z-CM
SJ9Z-CMPN05
5
When not using marking plate
Release Lever
SJ2S-21L
Plastic
SJ9Z-C21R
SJ9Z-C21R
10
41
16
*3) Ensure that the total current to the jumper does not exceed the maximum current. *4) Used for Push-in terminals.
15.3
38.5
Socket Specifications
Model
SJ2S-05B/-07L
(DIN Rail Socket)
SJ2S-61
(PC Board Socket)
SJ2S-21L
(Push-in Terminal Socket)
Rated Current
8A
Rated Insulation Voltage
250V AC/DC
300V AC/DC (*6)
Applicable Wire
2mm2
−
Solid wire / stranded wire:
0.14 to 1.5mm2, AWG26 to 16
Stranded wire with ferrule (without insulated cover):
0.5 to 1.5mm2, AWG20 to 16
Stranded wire with ferrule (with insulated cover):
0.14 to 1.0mm2, AWG26 to 18
Applicable Cripming Terminal
See the dimensions shown at right
−
−
Recommended Tightening Torque
0.6 to 1.0 N∙m
−
−
Screw Terminal Style
M3 slotted Phillips screw (self-lifting)
−
−
Terminal Strength
Wire tensile strength:
50N minimum
−
−
Dielectric
Strength
(*5)
Between contact and coil
4000V AC, 1 min.
5000V AC, 1 min. 2500V AC, 1 min.
(between live and dead metal parts,
between live metal parts of the
different poles)
Between contacts of the same pole
1000V AC, 1 min.
Between contacts of the different pole 3000V AC, 1 min.
Vibration
Resistance
Damage limits
90m/s2
10 to 55 Hz, amplitude 1.5 mm
Resonance
Frequency 10 to 55Hz, amplitude 0.75mm
Shock Resistance (damage limits)
1000m/s2
50G (when using release lever)
Operating Temperature
−40 to +70°C (no freezing)
Operating Humidity
5 to 85% RH (no condensation)
Storate Temperature
−55 to +85°C (no freezing)
–40 to +70°C (no freezing)
Degree of Protection (Screw Terminal)
SJ2S-07L: IP20 (IEC 60529)
−
−
Weight
34g
4.5g
43g
*5) The above are same when used with a RF2 force guided relay. *6) When using the socket with RF2S Force Guided Relay, the rated insulation voltage is 150V AC/DC.
Note: Ring terminal cannot be
used on SJ2S-0L.
See Cat. No. EP1728 for
applicable terminals on
Push-in terminals.
ø3.2 min.
5.3 min.
4.0 max.
5.9 max.
5.3 to 6.5
4.0 max.
Applicable Crimping
Terminal
Removable
marking plate
*1) Release lever is supplied with the socket.
*2) Terminal number marking in white also available.
Add "W" to the Part No.
Example: SJ2S-07LW
• See website for details on PC board socket.
Push-in terminal
Download catalogs and CAD from http://eu.idec.com/downloads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com