Electronic Components Datasheet Search
  English  ▼

X  

RF-SERIES Datasheet(PDF) 4 Page - IDEC Corporation

Part # RF-SERIES
Description  Enables flexible construction of safety circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF-SERIES Datasheet(HTML) 4 Page - IDEC Corporation

  RF-SERIES Datasheet HTML 1Page - IDEC Corporation RF-SERIES Datasheet HTML 2Page - IDEC Corporation RF-SERIES Datasheet HTML 3Page - IDEC Corporation RF-SERIES Datasheet HTML 4Page - IDEC Corporation RF-SERIES Datasheet HTML 5Page - IDEC Corporation RF-SERIES Datasheet HTML 6Page - IDEC Corporation RF-SERIES Datasheet HTML 7Page - IDEC Corporation RF-SERIES Datasheet HTML 8Page - IDEC Corporation RF-SERIES Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Download catalogs and CAD from http://asia.idec.com/downloads
E-188
APEM
Switches &
Pilot Lights
Control Boxes
Emergency
Stop Switches
Enabling
Switches
Safety Products
Explosion Proof
Terminal Blocks
Relays & Sockets
Circuit
Protectors
Power Supplies
LED Illumination
Controllers
Operator
Interfaces
Sensors
AUTO-ID
Interlock
Switches
Non-contact
Interlock Switches
Safety Laser
Scanners
Safety Light
Curtains
Safety Modules
FS1A
RF1V
RF2
HR2S
HR1S
RF1V Force Guided Relays / SF1V Relay Sockets
6
250
10
Contact
Current
Contact Voltage (V)
0.1
1
125
1
10
DC
resistive load
AC
resistive load
Accessories
Item
Shape
Specifications
Part No.
Ordering Part No.
Package Quantity
Remarks
DIN Rail
Aluminum
Weight: Approx. 200g
BAA1000
BAA1000PN10
10
Length: 1m
Width: 35 mm
Steel
Weight: Approx. 320g
BAP1000
BAP1000PN10
10
End Clip
19
9
45
Metal (zinc plated steel)
Weight: Approx. 15g
BNL5
BNL5PN10
10
—
24
9
45
BNL6
BNL6PN10
10
Characteristics
Notes on Contact Gaps except Welded Contacts
Example: RF1V-2A2B-D24
1
2
34
56
78
910
+
–
• If the NO contact (7-8 or 9-10) welds, the NC contact (3-4 or 5-6)
remains open even when the relay coil is de-energized, maintaining a
gap of 0.5 mm minimum. The remaining unwelded NO contact (9-10 or
7-8) is either open or closed.
• If the NC contact (3-4 or 5-6) welds, the NO contact (7-8 or 9-10)
remains open even when the relay coil is energized, maintaining a gap
of 0.5 mm minimum. The remaining unwelded NC contact (5-6 or 3-4)
is either open or closed.
0.1
1
100
10
1
500
10
Contact Current (A)
30V DC resistive load
250V AC resistive load
Maximum Switching Capacity
Electrical Life Curve
50 max.
13 max.
10.16
1.0
1.83
13.97
5.08
11.43
5.08
5.08
5.08
0.5
13 max.
10.16
1.0
1.83
13.97
5.08
11.43
5.08
0.5
40 max.
RF1V Relays
RF1V (4-pole)
RF1V (6-pole)
PC Board Terminal Model
Mounting Hole Layout (Bottom View)
10-
ø1.4
holes
13.97
5.08 ±0.1
±0.1
±0.1
11.43
5.08
(1.83)
14-
ø1.4
hole
s
11.43 ±0.1
±0.1
±0.1
±0.1
±0.1
±0.1
5.08
5.08
5.08
13.97
5.08
(1.83)
RF1V (6-pole)
RF1V (4-pole)
4NO-2NC Contact
4NO-2NC Contact
4NO-2NC Contact
3NO-3NC Contact
3NO-3NC Contact
3NO-3NC Contact
5NO-1NC Contact
5NO-1NC Contact
5NO-1NC Contact
–
+
–
+
–
+
1
2
34
56
7 81112
91013 14
1
2
34
56
78 11 12
9101314
1
2
34
56
78 11 12
9101314
–
–
+
–
+
+
1
2
34
56
78 11 12
9101314
1
2
34
56
7 81112
9101314
1
2
34
56
7 81112
9101314
–
–
+
–
+
+
1
2
34
56
78 11 12
9101314
1
2
34
56
7 81112
9101314
1
2
34
56
7 81112
9101314
2NO-2NC Contact
2NO-2NC Contact
2NO-2NC Contact
3NO-1NC Contact
3NO-1NC Contact
3NO-1NC Contact
1
2
34
56
7 8
910
1
2
3 4
56
7 8
910
+
–
+
–
1
2
3 4
56
7 8
910
1
2
34
56
78
910
+
–
+
–
1
2
3 4
56
7 8
910
1
2
34
56
78
910
+
–
+
–
Internal Connection (Bottom View)
RF1V (6-pole)
RF1V (4-pole)
Without LED Indicator
Without LED Indicator
With LED Indicator
With Counter-electromotive Force Diode
With LED Indicator
With Counter-electromotive Force Diode
Dimensions
(All dimensions in mm.)
Download catalogs and CAD from http://eu.idec.com/downloads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com