Electronic Components Datasheet Search
  English  ▼

X  

RF-SERIES Datasheet(PDF) 14 Page - IDEC Corporation

Part # RF-SERIES
Description  Enables flexible construction of safety circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF-SERIES Datasheet(HTML) 14 Page - IDEC Corporation

Back Button RF-SERIES Datasheet HTML 6Page - IDEC Corporation RF-SERIES Datasheet HTML 7Page - IDEC Corporation RF-SERIES Datasheet HTML 8Page - IDEC Corporation RF-SERIES Datasheet HTML 9Page - IDEC Corporation RF-SERIES Datasheet HTML 10Page - IDEC Corporation RF-SERIES Datasheet HTML 11Page - IDEC Corporation RF-SERIES Datasheet HTML 12Page - IDEC Corporation RF-SERIES Datasheet HTML 13Page - IDEC Corporation RF-SERIES Datasheet HTML 14Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Download catalogs and CAD from http://asia.idec.com/downloads
E-198
APEM
Switches &
Pilot Lights
Control Boxes
Emergency
Stop Switches
Enabling
Switches
Safety Products
Explosion Proof
Terminal Blocks
Relays & Sockets
Circuit
Protectors
Power Supplies
LED Illumination
Controllers
Operator
Interfaces
Sensors
AUTO-ID
Interlock
Switches
Non-contact
Interlock Switches
Safety Laser
Scanners
Safety Light
Curtains
Safety Modules
FS1A
RF1V
RF2
HR2S
HR1S
RF2 2-pole Force Guided Relay / SJ Series Socket
Operating Instructions
3. Protection for Relay Contacts
3-1. The contact ratings show maximum values. Make sure that these
values are not exceeded. When an inrush current flows through the
load, the contact may become welded. If this is the case, connect a
contact protection circuit, such as a current limiting resistor.
3-2. Contact protection circuit:
When switching an inductive load, arcing causes carbides to form
on the contacts, resulting in an increased contact resistance. In
consideration of contact reliability, contact life, and noise suppression,
use of a surge absorbing circuit is recommended. Note that the release
time of the load becomes slightly longer. Check the operation using an
actual load. Incorrect use of a contact protection circuit will adversely
affect switching characteristics. Four typical examples of contact
protection circuits are shown in the following table:
Ind. Load
Power
C
R
This protection circuit can be used for both AC and
DC load power circuits.
R: Resistor of approximately the same resistance
value as the load.
C: 0.1 to 1 μF
+
–
D
Ind. Load
Power
This protection circuit can be used for DC load power
circuits. Use a diode with the following ratings.
Reverse withstand voltage:
Power voltage of the load circuit × 10
Forward current:
More than the load current
Ind. Load
Power
This protection circuit can be used for both AC and
DC load powercircuits. For the best result, when
using on a power voltage of 24 to 48V AC/DC,
connect a varistor across the load. When using on
a power voltage of 100 to 240V AC/DC, connect a
varistor across the contacts.
3-3. Do not use a contact protection circuit as shown below:
C
Load
This protection circuit is very effective in arc suppression
when opening the contacts. But, when the contacts are closed,
a current flows to charge the capacitor, causing contact
welding.
Generally, switching a DC inductive load is more difficult than switching
a DC resistive load. Using an appropriate arc suppressor will improve
the switching characteristics of a DC inductive load.
4. Usage, transport, and storage conditions
4-1. Condensation
Condensation occurs when there is a sudden change in temperature
under high temperature and high humidity conditions. The relay
insulation may deteriorate due to condensation.
4-2. Freezing
Condensation or other moisture may freeze on the relay when the
temperatures is lower than 0ºC. This causes problems such as sticking
of movable parts or delay in operation.
4-3. Low temperature, low humidity environments
Plastic parts may become brittle when used in low temperature and
low humidity environments.
5. Other Notices
5-1. General notice:
To maintain the initial characteristics, do not drop or shock the
relay.
The relay cover cannot be removed from the base during normal
operation. To maintain the initial characteristics, do not remove the
relay cover.
Use the relay in environments free from condensation, dust, sulfur
dioxide (SO2), and hydrogen sulfide (H2S).
RTII model cannot be washed as it is not a sealed type. Also make
sure that flux does not leak to the PC board and enter the relay.
Make sure that the voltage applied to the coil cotinuously does not
exceed the maximum allowable voltage.
5-2. Connecting outputs to electronic circuits:
When the output is connected to a load which responds very quickly,
such as an electronic circuit, contact bouncing causes incorrect
operation of the load. Take the following measures into consideration.
Connect an integration circuit.
Suppress the pulse voltage due to bouncing within the noise margin
of the load.
5-3. Do not use relays in the vicinity of strong magnetic fields, as this
may affect relay operation.
5-4. UL and CSA ratings may differ from product rated values
determined by IDEC.
5-5. Others
• Shock Resistance
For the best shock resistance, it is ideal to install the RF2 relay so that
the armature movent is perpendicular to the direction of vibration/
shock.
• Life
Large loads that causes arcs may result in the contact material
scattered off, accumulating around the contact. This will degrade
insulation resistance between the circuits. Make sure that the relay is
mounted in the correct direction.
• Counter-electromotive force model (diode)
Counter-electromotive force diode model has polarity. The diode
absorbs counter-electromotive force of relay coil. When excessive
external surge voltage is anticipated, take additional counter-
electromotive force measures. Otherwise the diode may be damaged.
When using general purpose relays and force guided relays closely,
use of a marking plate (optional) on the release lever or socket is
recommended, so that force guided relay can be recognized easily.
6. Notes on PC Board Mounting
• When mounting two or more relays on a PC board, keep a minimum
spacing of 5 mm in each direction. If used without spacing of 10 mm,
rated current and operating temperature differs. Consult IDEC.
• Manual soldering: Solder the terminals at 350°C within 3 sec.
• Auto-soldering: Preliminary heating at 120°C within 60 sec. Solder at
250°C within 4 to 5 sec.
• Because the terminal part is filled with epoxy resin, do not excessively
solder or bend the terminal. Otherwise, air tightness will degrade.
• Avoid the soldering iron from touching the relay cover or the epoxy
filled terminal part. Use a non-corrosive resin flux.
• Do not install the relay on the PC board in the way the PC board is
bent, otherwise copper foil may be cut or solder may be displaced
after operating for a long time or due to vibration, degrading the
relay’s performance.
• When multiple PC boards with relays are mounted to a rack, the
temperature may rise excessively. When mounting relays, leave
enough space so that heat will not build up, and so that the relays’
ambient temperature remains within the specified operating
temperature range.
SEUEN01A_E RF June 2020
Download catalogs and CAD from http://eu.idec.com/downloads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com