Electronic Components Datasheet Search
  English  ▼

X  

TMUX7308F Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308F Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMUX7308F Datasheet HTML 5Page - Texas Instruments TMUX7308F Datasheet HTML 6Page - Texas Instruments TMUX7308F Datasheet HTML 7Page - Texas Instruments TMUX7308F Datasheet HTML 8Page - Texas Instruments TMUX7308F Datasheet HTML 9Page - Texas Instruments TMUX7308F Datasheet HTML 10Page - Texas Instruments TMUX7308F Datasheet HTML 11Page - Texas Instruments TMUX7308F Datasheet HTML 12Page - Texas Instruments TMUX7308F Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
6.6 ±15 V Dual Supply: Electrical Characteristics (continued)
VDD = +15 V ± 10%, VSS = –15 V ±10%, GND = 0 V (unless otherwise noted)
Typical at VDD = +15 V, VSS = –15 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
POWER SUPPLY
IDD
VDD supply current
VDD = 16.5 V, VSS = –16.5 V, VAx = 0 V, 5
V, or VDD, VEN = 5 V or VDD, VS = 0 V
25°C
0.25
1
mA
–40°C to +85°C
1
–40°C to +125°C
1
ISS
VSS supply current
VDD = 16.5 V, VSS = –16.5 V, VAx = 0 V, 5
V, or VDD, VEN = 5 V or VDD, VS = 0 V
25°C
0.15
0.5
mA
–40°C to +85°C
0.6
–40°C to +125°C
0.7
IGND
GND current
VDD = 16.5 V, VSS = –16.5 V, VAx = 0 V, 5
V, or VDD, VEN = 5 V or VDD, VS = 0 V
25°C
0.1
mA
IDD(FA)
VDD supply current under fault
VS = ± 60 V, VDD = 16.5 V, VSS = –16.5 V,
VAx = 0 V, 5 V, or VDD, VEN = 5 V or VDD
25°C
0.25
1
mA
–40°C to +85°C
1
–40°C to +125°C
1
ISS(FA)
VSS supply current under fault
VS = ± 60 V, VDD = 16.5 V, VSS = –16.5 V,
VAx = 0 V, 5 V, or VDD, VEN = 5 V or VDD
25°C
0.15
0.5
mA
–40°C to +85°C
0.6
–40°C to +125°C
0.7
IGND(FA)
GND current under fault
VS = ± 60 V, VDD = 16.5 V, VSS = –16.5 V,
VAx = 0 V, 5 V, or VDD, VEN = 5 V or VDD
25°C
0.2
mA
IDD(DISABLE)
VDD supply current (disable mode)
VDD = 16.5 V, VSS = –16.5 V, VAx = 0 V, 5
V, or VDD, VEN = 0 V, VS = 0 V
25°C
0.13
1
mA
–40°C to +85°C
1
–40°C to +125°C
1
ISS(DISABLE)
VSS supply current (disable mode)
VDD = 16.5 V, VSS = –16.5 V, VAx = 0 V, 5
V, or VDD, VEN = 0 V, VS = 0 V
25°C
0.1
0.4
mA
–40°C to +85°C
0.5
–40°C to +125°C
0.6
(1)
When VS is positive,VD is negative, and vice versa.
www.ti.com
TMUX7308F
SCDS403A – FEBRUARY 2021 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMUX7308F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com