Electronic Components Datasheet Search
  English  ▼

X  

TMUX7308F Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308F Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMUX7308F Datasheet HTML 6Page - Texas Instruments TMUX7308F Datasheet HTML 7Page - Texas Instruments TMUX7308F Datasheet HTML 8Page - Texas Instruments TMUX7308F Datasheet HTML 9Page - Texas Instruments TMUX7308F Datasheet HTML 10Page - Texas Instruments TMUX7308F Datasheet HTML 11Page - Texas Instruments TMUX7308F Datasheet HTML 12Page - Texas Instruments TMUX7308F Datasheet HTML 13Page - Texas Instruments TMUX7308F Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
6.7 ±20 V Dual Supply: Electrical Characteristics
VDD = +20 V ± 10%, VSS = –20 V ±10%, GND = 0 V (unless otherwise noted)
Typical at VDD = +20 V, VSS = –20 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ANALOG SWITCH
RON
On-resistance
VS = –15 V to +15 V, IS = –1 mA
25°C
180
270
Ω
–40°C to +85°C
340
–40°C to +125°C
400
ΔRON
On-resistance mismatch between
channels
VS = –15 V to +15 V, IS = –1 mA
25°C
2.5
6
Ω
–40°C to +85°C
12
–40°C to +125°C
13
RFLAT
On-resistance flatness
VS = –15 V to +15 V, IS = –1 mA
25°C
1.5
3.5
Ω
–40°C to +85°C
4
–40°C to +125°C
4
RON_DRIFT
On-resistance drift
VS = 0 V, IS = –1 mA
–40°C to +125°C
0.05
%/°C
IS(OFF)
Source off leakage current(1)
Switch state is off, VS = +15 V/ –15 V, VD =
–15 V/ + 15 V, VDD = 22 V, VSS = –22 V
25°C
–1
0.1
1
nA
–40°C to +85°C
–2
2
–40°C to +125°C
–8
8
ID(OFF)
Drain off leakage current(1)
Switch state is off, VS = +15 V/ –15 V, VD =
–15 V/ + 15 V, VDD = 22 V, VSS = –22 V
25°C
–2
0.1
2
nA
–40°C to +85°C
–5
5
–40°C to +125°C
–15
15
IS(ON), I,D(ON)
Channel on leakage current
Switch state is on, VS = floating, VD = –
15 V/ +15 V, or VS = –15 V/ +15 V, VD =
floating, VDD = 22 V, VSS = –22 V
25°C
–2
0.3
2
nA
–40°C to +85°C
–20
20
–40°C to +125°C
–25
25
FAULT CONDITION
IS(FA)
Input leakage current
under overvoltage
VS = ± 60 V, GND = 0V, VDD = 22 V, VSS =
–22 V
25°C
±90
µA
–40°C to +85°C
±95
–40°C to +125°C
±100
VS = ± 60 V, GND = 0V, VDD = VSS = 0 V,
VEN = VAx = 0 V or floating
25°C
±120
µA
–40°C to +85°C
±125
–40°C to +125°C
±130
VS = ± 60 V, GND = 0V, VDD = VSS =
floating, VEN = VAx = 0 V or floating
25°C
±120
µA
–40°C to +85°C
±125
–40°C to +125°C
±130
LOGIC INPUT/ OUTPUT
IIH
High-level input current
VEN = VAx = VDD
25°C
–2
± 0.6
2
µA
–40°C to +125°C
–2
2
IIL
Low-level input current
VEN = VAx = 0 V
25°C
–2
± 0.6
2
µA
–40°C to +125°C
–2
2
tTRAN
Transition time
VS = 10 V, RL = 4 kΩ, CL= 12 pF
25°C
160
ns
–40°C to +85°C
380
–40°C to +125°C
400
TMUX7308F
SCDS403A – FEBRUARY 2021 – REVISED OCTOBER 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7308F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com