Electronic Components Datasheet Search
  English  ▼

X  

TMUX7308F Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308F Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX7308F Datasheet HTML 22Page - Texas Instruments TMUX7308F Datasheet HTML 23Page - Texas Instruments TMUX7308F Datasheet HTML 24Page - Texas Instruments TMUX7308F Datasheet HTML 25Page - Texas Instruments TMUX7308F Datasheet HTML 26Page - Texas Instruments TMUX7308F Datasheet HTML 27Page - Texas Instruments TMUX7308F Datasheet HTML 28Page - Texas Instruments TMUX7308F Datasheet HTML 29Page - Texas Instruments TMUX7308F Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
8.4.2 Fault Mode
The TMUX7308F and TMUX7309F enter into the Fault mode when any of the input signals on the source
(Sx) pins exceed VDD or VSS by a threshold voltage VT. Under the overvoltage condition, the switch input
experiencing the fault automatically turns OFF regardless of the digital logic status, and the source pin becomes
high impedance with a negligible amount of leakage current flowing through the switch. When the fault channel
is selected by the digital logic control, the drain pin (D or Dx) is pulled to the supply that was exceeded through a
40 kΩ internal resistor.
The overvoltage protection is provided only for the source (Sx) input pins. The drain (D or Dx) pin, if used as a
signal input, must stay in between VDD and VSS at all times since no overvoltage protection is implemented on
the drain pin.
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMUX7308F and TMUX7309F are part of the fault protected switches and multiplexers family of devices.
The abilty to protect downstream components from overvoltage events up to ±60 V makes these switches and
multiplexers suitable for harsh environments.
9.2 Typical Application
In analog input programmable logic controllers (PLC) a multiplexer is often used to switch multiple sensors
to a single ADC. By using a multiplexer, the number of components in the system can be reduced to save
system cost and size. In a PLC module a ±10 V input signal range is common for interfacing with external field
transmitters and sensors; however, there are a number of fault cases that may occur that can be damaging
to many of the integrated circuits. Such fault conditions may include, but are not limited to, human error from
wiring connections incorrectly, component failure or wire shorts, electromagnetic interference (EMI) or transient
disturbances, and so forth.
TMUX7308F
SCDS403A – FEBRUARY 2021 – REVISED OCTOBER 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7308F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com