Electronic Components Datasheet Search
  English  ▼

X  

TMUX7308F Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308F Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMUX7308F Datasheet HTML 13Page - Texas Instruments TMUX7308F Datasheet HTML 14Page - Texas Instruments TMUX7308F Datasheet HTML 15Page - Texas Instruments TMUX7308F Datasheet HTML 16Page - Texas Instruments TMUX7308F Datasheet HTML 17Page - Texas Instruments TMUX7308F Datasheet HTML 18Page - Texas Instruments TMUX7308F Datasheet HTML 19Page - Texas Instruments TMUX7308F Datasheet HTML 20Page - Texas Instruments TMUX7308F Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
7.2 On-Resistance
The on-resistance of the TMUX7308F and TMUX7309F is the ohmic resistance across the source (Sx) and drain
(Dx) pins of the device. The on-resistance varies with input voltage and supply voltage. The symbol RON is used
to denote on-resistance. Figure 7-1 shows the measurement setup used to measure RON. ΔRON represents the
difference between the RON of any two channels, while RON_FLAT denotes the flatness that is defined as the
difference between the maximum and minimum value of the on-resistance measured over the specified analog
signal range.
V
DD
V
DD
V
SS
V
SS
GND
Sx
Dx
SW
V
I
S
4
10
=
8
+
5
V
S
Figure 7-1. On-Resistance Measurement Setup
7.3 Off-Leakage Current
There are two types of leakage currents associated with a switch during the off state, which follows:
1. Source off-leakage current IS(OFF): the leakage current flowing into or out of the source pin when the switch
is off.
2. Drain off-leakage current ID(OFF): the leakage current flowing into or out of the drain pin when the switch is
off.
Figure 7-2 shows the setup used to measure both off-leakage currents.
Is (OFF)
SW
SW
S1
S2
D
VDD
VSS
SW
S8
GND
A
GND
GND
VD
SW
SW
S1
S2
D
SW
S8
GND
GND
VD
VS
GND
VS
ID (OFF)
A
IS(OFF)
ID(OFF)
VDD
VSS
Figure 7-2. Off-Leakage Measurement Setup
www.ti.com
TMUX7308F
SCDS403A – FEBRUARY 2021 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMUX7308F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com