Electronic Components Datasheet Search
  English  ▼

X  

TMUX7308F Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308F Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMUX7308F Datasheet HTML 21Page - Texas Instruments TMUX7308F Datasheet HTML 22Page - Texas Instruments TMUX7308F Datasheet HTML 23Page - Texas Instruments TMUX7308F Datasheet HTML 24Page - Texas Instruments TMUX7308F Datasheet HTML 25Page - Texas Instruments TMUX7308F Datasheet HTML 26Page - Texas Instruments TMUX7308F Datasheet HTML 27Page - Texas Instruments TMUX7308F Datasheet HTML 28Page - Texas Instruments TMUX7308F Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Region 1 denotes the normal operation region of TMUX7308F and TMUX7309F where the input source voltages
stay below the fault supplies VFP and VFN. Region 2 represents the range of possible persistent DC (or long
duration AC overvoltage fault) presented on the source input pins. Region 3 represents the margin between
any known DC overvoltage level and the absolute maximum rating of the TMUX7308F and TMUX7309F. The
selected TVS breakdown voltage must be less than the absolute maximum rating of the TMUX730xF but
greater than any known possible persistent DC or long duration AC overvoltage fault to avoid triggering the
TVS inadvertently. Region 4 represents the margin that system designers must impose when selecting the TVS
protection device to prevent accidental triggering of the ESD cells of the TMUX7308F and TMUX7309F devices.
Normal Operation
Positive Supply
VDD
System
Overvoltage
Overvoltage
Protection Window
Device Absolute
Max Rating
Internal ESD
Trigger Voltage
1
2
3
4
TVS
Breakdown
Voltage
Negative Supply
VSS
0 V
Overvoltage
Protection Window
2
3
4
TVS
Breakdown
Voltage
System
Overvoltage
Device Absolute
Max Rating
Internal ESD
Trigger Voltage
Figure 8-1. System Operation Regions and Proper Region of Selecting a TVS Protection Device
8.3.3 Bidirectional and Rail-to-Rail Operation
The TMUX7308F and TMUX7309F conducts equally well from source (Sx) to drain (D or Dx) or from drain (D or
Dx) to source (Sx). Each signal path has very similar characteristics in both directions. However, take note that
the overvoltage protection is implemented only on the source (Sx) side. The voltage on the drain is only allowed
to swing between VDD and VSS and no overvoltage protection is available on the drain side.
8.4 Device Functional Modes
The TMUX7308F and TMUX7309F offers two modes of operation (Normal mode and Fault mode) depending on
whether any of the input pins experience an overvoltage condition.
8.4.1 Normal Mode
In Normal mode operation, signals of up to VDD and VSS can be passed through the switch from source (Sx) to
drain (D or Dx) or from drain (D or Dx) to source (Sx). The address (Ax) pins and the enable (EN) pin determines
which switch path to turn on, according to Table 7-1 and Table 7-2. The following conditions must be satisfied for
the switch to stay in the ON condition:
• The difference between the primary supplies (VDD – VSS) must be higher or equal to 8 V. With a minimum
VDD of 5 V.
• The input signals on the source (Sx) or the drain (D or Dx) must be be between VFP+ VT and VFN – VT.
• The digital logic control (Ax and EN) must have selected the switch.
www.ti.com
TMUX7308F
SCDS403A – FEBRUARY 2021 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMUX7308F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com