Electronic Components Datasheet Search
  English  ▼

X  

TMUX7308F Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308F Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMUX7308F Datasheet HTML 23Page - Texas Instruments TMUX7308F Datasheet HTML 24Page - Texas Instruments TMUX7308F Datasheet HTML 25Page - Texas Instruments TMUX7308F Datasheet HTML 26Page - Texas Instruments TMUX7308F Datasheet HTML 27Page - Texas Instruments TMUX7308F Datasheet HTML 28Page - Texas Instruments TMUX7308F Datasheet HTML 29Page - Texas Instruments TMUX7308F Datasheet HTML 30Page - Texas Instruments TMUX7308F Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Sensors
LED
Photo
Detector
Thermocouple
Current Sensing
Optical Sensor
TMUX7308F
Gain / Filter
Network
ADS125H01
REF5025
5V
D
S1
S2
S3
S4
S5
S6
S7
S8
A0
A1
A2
GND
VSS
1.8V Logic
Signals
VDD
Bridge Sensor
ISO77xx
Signal
Processing
Power Module
PLC Analog
Input Module
V
GND
Supply
Fault
Protected
Mux Inputs
Figure 9-1. Typical Application
9.2.1 Design Requirements
Table 9-1. Design Parameters
PARAMETER
VALUE
Positive supply (VDD) mux and ADC
+15 V
Negative supply (VSS) mux and ADC
-15 V
Power board supply voltage
24 V
Input / output signal range non-faulted
-15 V to 15 V
Overvoltage protection levels
-60 V to 60 V
Control logic thresholds
1.8 V compatible, up to 44 V
Temperature range
-40°C to +125°C
9.2.2 Detailed Design Procedure
The image shows the case where an incorrect wiring condition occurred and one of the input connectors has
been short to the power board supply voltage. If the board supply voltage is higher than the power supply of
the multiplexer, then the TMUX7308F or TMUX7309F will disconnect the source input from passing the signal to
protect the downstream ADC. The drain pin of the mux will be pulled up to the supply voltage VDD through a 40
kΩ resistor to allow the ADC to determine a fault condition has occurred.
10 Power Supply Recommendations
The TMUX7308F and TMUX7309F operate across a wide supply range of ±5 V to ±22 V (8 V to 44 V in
single-supply mode). They also perform well with asymmetrical supplies such as VDD = 15 V and VSS= –5 V. For
improved supply noise immunity, use a supply decoupling capacitor ranging from 1 µF to 10 µF at both the VDD
and VSS pins to ground. Always ensure the ground (GND) connection is established before supplies are ramped.
As a best practice, it is recommended to ramp VSS first before VDD in dual or asymmetrical supply applications.
www.ti.com
TMUX7308F
SCDS403A – FEBRUARY 2021 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TMUX7308F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com